Electronic Components Datasheet Search
  English  ▼

X  

PCF8545ATTAY Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCF8545ATTAY
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATTAY Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCF8545ATTAY Datasheet HTML 29Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 30Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 31Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 32Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 33Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 34Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 35Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 36Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
0 1 2 3 4 5 6 7
37 38 39 40 41
a0
a1
a2
a3
a4
a5
a6
a7
0
MSB
LSB
1
2
3
4
5
Transmitted data bytes
a7
a6
a5
a4
a3
a2
a1
a0
b0
b1
b2
b3
b4
b5
b6
c0
c1
c2
c3
c4
c5
c6
b7
c7
b7
b6
b5
b4
b3
b2
b1
b0
c7
c6
c5
c4
c3
c2
c1
c0
Display RAM addresses (columns)/segment outputs (S)
Columns
Display RAM
bits (rows)/
backplane outputs
(BP)
Rows
013aaa457
Figure 22. Display RAM filling order in 1:6 multiplex drive mode
The remaining bits are wrapped over into the next column. In order to fill the whole RAM,
31 and a half bytes need to be sent to the PCF8545. After the last byte sent, the data
pointer must be reset before the next RAM content update. Additional data bytes sent
and any data bits that spill over the RAM are discarded. Depending on the start address
of the data pointer, there are three possible boundary conditions. See Figure 23.
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 2 — 4 October 2021
33 / 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com