Electronic Components Datasheet Search
  English  ▼

X  

PCF8545ATTAY Datasheet(PDF) 53 Page - NXP Semiconductors

Part # PCF8545ATTAY
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATTAY Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button PCF8545ATTAY Datasheet HTML 49Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 50Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 51Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 52Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 53Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 54Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 55Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 56Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 68 page
background image
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
15 Handling information
All input and output pins are protected against ElectroStatic Discharge (ESD) under
normal handling. When handling Metal-Oxide Semiconductor (MOS) devices ensure that
all normal precautions are taken as described in JESD625-A, IEC  61340-5 or equivalent
standards.
16 Packing information
16.1 Tape and reel information
aaa-006814
direction of feed
TOP VIEW
P0
A0
P1
B0
W
K0
Ø D0
Ø D1
Original dimensions are in mm.
Figure not drawn to scale.
pin 1
x
y
Figure 46. Tape and reel details for PCF8545ATT and PCF8545BTT
Symbol
Description
Value
Unit
Compartments
A0
pocket width in x direction
8.65 to 8.9
mm
B0
pocket width in y direction
14.4 to 15.8
mm
K0
pocket depth
1.5 to 1.8
mm
P1
pocket hole pitch
12
mm
D1
pocket hole diameter
1.5 to 2.05
mm
Overall dimensions
W
tape width
24
mm
D0
sprocket hole diameter
1.5 to 1.55
mm
P0
sprocket hole pitch
4
mm
Table 36. Carrier tape dimensions of PCF8545ATT and PCF8545BTT
17 Soldering of SMD packages
This text provides a very brief insight into a complex technology. A more in-depth account
of soldering ICs can be found in Application Note AN10365 “Surface mount reflow
soldering description”.
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 2 — 4 October 2021
53 / 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com