Electronic Components Datasheet Search
  English  ▼

X  

PCF8545ATTAY Datasheet(PDF) 41 Page - NXP Semiconductors

Part # PCF8545ATTAY
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATTAY Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button PCF8545ATTAY Datasheet HTML 37Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 38Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 39Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 40Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 41Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 42Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 43Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 44Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
013aaa464
data bus
CE
SUBADDRESS
DATA
DATA
DATA
Figure 32. Data transfer overview
The subaddress byte opens the communication with a read/write bit and a subaddress.
The subaddress is used to identify multiple devices on one SPI-bus.
Bit
Symbol
Value
Description
data read or write selection
0
write data
7
R/W
1
read data
6 to 5
SA[1:0]
01
subaddress; other codes cause the device to
ignore data transfer
4 to 0
-
unused
Table 30. Subaddress byte definition
After the subaddress byte, a control byte follows (see Section 8.1).
EXAMPLES
a) transmit two bytes of display RAM data
013aaa465
0 0 1
control byte
subaddress
RAM/command byte
RAM DATA
M
S
B
L
S
B
R/W = 0
0 0 1
0
1
b) transmit two command bytes
COMMAND
0 0 1
1 0
COMMAND
c) transmit one command byte and two display RAM date bytes
0 0
C
O
R
S
1
R
S
0
0
0
0
COMMAND
0 0 1
1 0
0 0
0
1
RAM DATA
RAM DATA
RAM DATA
Data transfers are terminated by de-asserting CE (set CE to logic 1).
Figure 33. SPI-bus write example
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 2 — 4 October 2021
41 / 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com