Electronic Components Datasheet Search
  English  ▼

X  

PCF8545ATTAY Datasheet(PDF) 38 Page - NXP Semiconductors

Part # PCF8545ATTAY
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATTAY Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button PCF8545ATTAY Datasheet HTML 34Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 35Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 36Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 37Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 38Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 39Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 40Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 41Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
mbc602
S
START
condition
9
8
2
1
clock pulse for
acknowledgement
not acknowledge
acknowledge
data output
by transmitter
data output
by receiver
SCL
from controller
Figure 29. Acknowledgement on the I2C-bus
8.2.5 I2C-bus controller
The PCF8545 acts as an I2C-bus target receiver. It does not initiate I2C-bus transfers or
transmit data to an I2C-bus controller receiver. Device selection depends on the I2C-bus
target address.
8.2.6 Input filters
To enhance noise immunity in electrically adverse environments, RC low-pass filters are
provided on the SDA and SCL lines.
8.2.7 I2C-bus target address
Device selection depends on the I2C-bus target address. Two different I2C-bus target
addresses can be used to address the PCF8545 (see Table 25).
target address
7
0
Bit
MSB
6
5
4
3
2
1
LSB
0
1
1
1
0
0
A0
R/W
Table 25. I2C target address byte
The least significant bit of the target address byte is bit R/W (see Table 26).
R/W
Description
0
write data
1
read data
Table 26. R/W-bit description
Bit 1 of the target address is defined by connecting the input A0 to either VSS (logic 0) or
VDD (logic 1). Therefore, two instances of PCF8545 can be distinguished on the same
I2C-bus.
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 2 — 4 October 2021
38 / 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com