Electronic Components Datasheet Search
  English  ▼

X  

PCF8545ATTAY Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF8545ATTAY
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATTAY Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF8545ATTAY Datasheet HTML 7Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 8Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 9Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 10Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 11Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 12Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 13Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 14Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
7.1.3.4 Display enable
The display enable bit (E) is used to enable and disable the display. When the display
is disabled, all LCD outputs go to VSS. This function is implemented to ensure that no
voltage can be induced on the LCD outputs as it may lead to unwanted displays of
segments.
Recommended start-up sequences are found in Section 7.2.3
Remark: Display enable is not synchronized to an LCD frame boundary. Therefore using
this function to flash a display for prolonged periods is not recommended due to the
possible build-up of DC voltages on the display.
7.1.4 Command: oscillator-control
The oscillator-control command switches between internal and external oscillator and
enables or disables the pin OSCCLK. It is also defines the external frequency.
Bit
Symbol
Value
Description
7 to 3
-
0001 1
fixed value
external clock frequency applied on pin
OSCCLK
0[1]
9.6 kHz
2
EFR
1
230 kHz
clock output enable for pin OSCCLK
0[1]
clock signal not available on pin OSCCLK;
pin OSCCLK is in 3-state
1
COE
1
clock signal available on pin OSCCLK
oscillator source
0[1]
internal oscillator running
0
OSC
1
external oscillator used;
pin OSCCLK becomes an input;
used in combination with EFR to determine
input frequency
Table 9. Oscillator-control - oscillator control command bit description
[1]
Default value.
The bits OSC, COE, and EFR control the source and frequency of the clock used to
generate the LCD signals (see Figure 7). Valid combinations are shown in Table 10.
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 2 — 4 October 2021
11 / 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com