Electronic Components Datasheet Search
  English  ▼

X  

PCF8545ATTAY Datasheet(PDF) 43 Page - NXP Semiconductors

Part # PCF8545ATTAY
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATTAY Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button PCF8545ATTAY Datasheet HTML 39Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 40Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 41Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 42Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 43Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 44Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 45Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 46Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
CAUTION
Static voltages across the liquid crystal display can build up when the LCD
supply voltage (VLCD) is on while the IC supply voltage (VDD) is off, or vice
versa. This may cause unwanted display artifacts. To avoid such artifacts,
VLCD and VDD must be applied or removed together.
11 Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
-0.5
+6.5
V
IDD
supply current
-50
+50
mA
VLCD
LCD supply voltage
-0.5
+6.5
V
IDD(LCD)
LCD supply current
-50
+50
mA
PCF8545ATT
on pins SDA,
OSCCLK, SCL,
A0, RESET
-0.5
+6.5
V
PCF8545BTT
VI
input voltage
on pins CE,
OSCCLK, SCL,
SDI, RESET
-0.5
+6.5
V
II
input current
-10
+10
mA
on pins S0 to S39,
BP0 to BP7
-0.5
+6.5
V
VO
output voltage
on pin SDA
-0.5
+6.5
V
IO
output current
-10
+10
mA
ISS
ground supply current
-50
+50
mA
Ptot
total power dissipation
-
400
mW
P/out
power dissipation per output
-
100
mW
HBM
[1] -
±3 500
V
VESD
electrostatic discharge voltage
CDM
[2] -
±1 250
V
Ilu
latch-up current
[3] -
200
mA
Tstg
storage temperature
[4] -65
+150
°C
Tamb
ambient temperature
operating device
-40
+85
°C
Table 31. Limiting values
[1]
Pass level; Human Body Model (HBM), according to [1].
[2]
Pass level; Charge Device Model (CDM), according to [2].
[3]
Pass level; latch-up testing according to [3] at maximum ambient temperature (Tamb(max)).
[4]
According to the store and transport requirements (see [4]) the devices have to be stored at a temperature of +8 °C to +45 °C and a humidity of 25 % to
75 %.
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 2 — 4 October 2021
43 / 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com