Electronic Components Datasheet Search
  English  ▼

X  

INA296A Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA296A
Description  INA296x ??-V to 110-V, Bidirectional, 1-MHz, 5-V/關s, Ultra-Precise Current Sense Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA296A Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA296A Datasheet HTML 2Page - Texas Instruments INA296A Datasheet HTML 3Page - Texas Instruments INA296A Datasheet HTML 4Page - Texas Instruments INA296A Datasheet HTML 5Page - Texas Instruments INA296A Datasheet HTML 6Page - Texas Instruments INA296A Datasheet HTML 7Page - Texas Instruments INA296A Datasheet HTML 8Page - Texas Instruments INA296A Datasheet HTML 9Page - Texas Instruments INA296A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
7.5 Electrical Characteristics
at TA = 25 °C, VS = 5 V, VSENSE = VIN+ – VIN–, VCM = VIN– = 48 V, and VREF1 = VREF2 = VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VCM
Common-mode input range
VIN+, VIN- = –4 V to 110 V, VSENSE =0mV
TA = – 40°C to 125°C
–4
110
V
CMRR
Common-mode rejection ratio
VIN+, VIN- = –4 V to 110 V, VSENSE =0 mV
TA = – 40°C to 125°C, INA296A
150
160
dB
VIN+, VIN- = –4 V to 110 V, VSENSE =0 mV
TA = – 40°C to 125°C, INA296B
120
130
dB
f = 50 kHz
93
dB
Vos
Offset voltage, input referred
VSENSE = 0 mV, INA296A1
2
25
µV
VSENSE = 0 mV, INA296A2
2
15
µV
VSENSE = 0 mV, INA296A
2
12
µV
VSENSE = 0 mV, INA296B
25
150
µV
dVos/dT
Offset voltage drift
TA = – 40°C to 125°C, INA296A
50
250
nV/°C
TA = – 40°C to 125°C, INA296B
100
500
nV/°C
PSRR
Power-supply rejection ratio
VS = 2.7 V to 20 V, VSENSE = 0 mV
TA = –40°C to 125°C, INA296A
0.1
1
µV/V
VS = 2.7 V to 20 V, VSENSE = 0 mV
TA = –40°C to 125°C, INA296B
1
10
µV/V
IB
Input bias current
IB+, IB-, VSENSE=0 mV
30
40
50
uA
Reference input range
0
VS
V
OUTPUT
G
Gain
A1, B1 Devices
10
V/V
A2, B2 Devices
20
V/V
A3, B3 Devices
50
V/V
A4, B4 Devices
100
V/V
A5, B5 Devices
200
V/V
GERR
Gain Error
(GND + 50 mV) < VOUT < (VS - 200 mV),
INA296A
0.01
0.05
%
(GND + 50 mV) < VOUT < (VS - 200 mV),
INA296B
0.02
0.1
%
TA = –40°C to +125°C, INA296A
0.1
2.5 ppm/°C
TA = –40°C to +125°C, INA296B
0.2
5 ppm/°C
Non-Linearity Error
0.01
%
Maximum Capacitive Load
No Sustained oscillations, No Isolation
resistor
500
pF
VOLTAGE OUTPUT
Swing to Vs Power Supply Rail
RL = 10 kΩ to GND,TA = –40°C to +125°C
VS − 0.05 VS − 0.2
V/V
Swing to Ground
RL = 10 kΩ to GND, VSENSE = 0 mV,
TA = –40°C to +125°C
5
20
mV
REFERENCE INPUT
RVRR
Reference voltage rejection ratio,input-
referred
VREF1 = VREF2 = 0.5 V to 4.5 V,
TA = –40°C to +125°C
1
5
µV/V
Reference divider accuracy
VOUT = |(VREF1 + VREF2)| / 2 at VSENSE =0
mV, TA = –40°C to +125°C
0.02
0.1
%
FREQUENCY RESPONSE
BW
Bandwidth
All Gains, −3dB Bandwidth
1
MHz
INA296A, INA296B
SBOSA04 – MARCH 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA296A INA296B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com