Electronic Components Datasheet Search
  English  ▼

X  

INA296A Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # INA296A
Description  INA296x ??-V to 110-V, Bidirectional, 1-MHz, 5-V/關s, Ultra-Precise Current Sense Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA296A Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA296A Datasheet HTML 5Page - Texas Instruments INA296A Datasheet HTML 6Page - Texas Instruments INA296A Datasheet HTML 7Page - Texas Instruments INA296A Datasheet HTML 8Page - Texas Instruments INA296A Datasheet HTML 9Page - Texas Instruments INA296A Datasheet HTML 10Page - Texas Instruments INA296A Datasheet HTML 11Page - Texas Instruments INA296A Datasheet HTML 12Page - Texas Instruments INA296A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
50 V/V, 100 V/V, and 200 V/V, which the system designer should select based on their desired signal-to-noise
ratio and other system requirements such as the dynamic current range and full-scale output voltage target.
8.3.1.5 Wide Supply Range
The INA296x operates with a wide supply range from 2.7 V to 20 V. While the input voltage range of the
INA296x is independent of the supply voltage, the output voltage is bound by the supply voltage applied to the
device. The output voltage can range from as low as 20 mV to has high as 200 mV below the supply voltage.
8.4 Device Functional Modes
8.4.1 Adjusting the Output With the Reference Pins
Figure 8-1 shows a test circuit for reference-divider accuracy. The INA296x output is configurable to allow for
unidirectional or bidirectional operation.
+
±
REF2
REF1
VS
GND
OUT
VS
IN+
IN±
Figure 8-1. Test Circuit For Reference Divider Accuracy
The output voltage is set by applying a voltage or voltages to the reference voltage inputs, REF1 and REF2. The
reference inputs are connected to an internal gain network. There is no operational difference between the two
reference pins.
8.4.2 Reference Pin Connections for Unidirectional Current Measurements
Unidirectional operation allows current measurements through a resistive shunt in one direction. For
unidirectional operation, connect the device reference pins together and then to the negative rail (see the
Ground Referenced Output section) or the positive rail (see the VS Referenced Output section). The required
differential input polarity depends on the output voltage setting. The amplifier output moves away from the
referenced rail proportional to the current passing through the external shunt resistor. If the amplifier reference
pins are connected to the positive rail, then the input polarity must be negative to move the amplifier output down
(towards ground). If the amplifier reference pins are connected at ground, then the input polarity must be positive
to move the amplifier output up (towards supply).
The following sections describe how to configure the output for unidirectional operation cases.
8.4.2.1 Ground Referenced Output
When using the INA296x in a unidirectional mode with a ground referenced output, both reference inputs are
connected to ground. This configuration takes the output to ground when there is a 0-V differential at the input
(see Figure 8-2).
www.ti.com
INA296A, INA296B
SBOSA04 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: INA296A INA296B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com