Electronic Components Datasheet Search
  English  ▼

X  

INA296A Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA296A
Description  INA296x ??-V to 110-V, Bidirectional, 1-MHz, 5-V/關s, Ultra-Precise Current Sense Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA296A Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA296A Datasheet HTML 3Page - Texas Instruments INA296A Datasheet HTML 4Page - Texas Instruments INA296A Datasheet HTML 5Page - Texas Instruments INA296A Datasheet HTML 6Page - Texas Instruments INA296A Datasheet HTML 7Page - Texas Instruments INA296A Datasheet HTML 8Page - Texas Instruments INA296A Datasheet HTML 9Page - Texas Instruments INA296A Datasheet HTML 10Page - Texas Instruments INA296A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
at TA = 25 °C, VS = 5 V, VSENSE = VIN+ – VIN–, VCM = VIN– = 48 V, and VREF1 = VREF2 = VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Settling time
VIN+, VIN- = 48 V, VOUT = 0.5 V to 4.5 V,
Output settles to 0.5%
1.5
µs
VIN+, VIN- = 48 V, VOUT = 0.5 V to 4.5 V,
Output settles to 1%
1
µs
VIN+, VIN- = 48 V, VOUT = 0.5 V to 4.5 V,
Output settles to 5%
0.5
µs
SR
Slew Rate
5
V/µs
NOISE (Input reffered)
Voltage Noise Density
60
nV/√Hz
POWER SUPPLY
Vs
Supply Voltage
2.7
20
V
IQ
Quiescent current
VSENSE = 0 mV
2.5
3
mA
VSENSE = 0 mV, IQ vs temperature,
TA = –40°C to+125°C
3.5
mA
TEMPERATURE
TA
Specified Range
–40
125
°C
www.ti.com
INA296A, INA296B
SBOSA04 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: INA296A INA296B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com