Electronic Components Datasheet Search
  English  ▼

X  

INA296A Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # INA296A
Description  INA296x ??-V to 110-V, Bidirectional, 1-MHz, 5-V/關s, Ultra-Precise Current Sense Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA296A Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA296A Datasheet HTML 12Page - Texas Instruments INA296A Datasheet HTML 13Page - Texas Instruments INA296A Datasheet HTML 14Page - Texas Instruments INA296A Datasheet HTML 15Page - Texas Instruments INA296A Datasheet HTML 16Page - Texas Instruments INA296A Datasheet HTML 17Page - Texas Instruments INA296A Datasheet HTML 18Page - Texas Instruments INA296A Datasheet HTML 19Page - Texas Instruments INA296A Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
9.2.1.2 Detailed Design Procedure
The INA296x is designed to measure current in a typical solenoid application. The INA296x measures current
across the 50-mΩ shunt that is placed at the output of the half-bridge. The INA296x measures the differential
voltage across the shunt resistor, and the signal is internally amplified with a gain of 50 V/V. The output of the
INA296x is connected to the analog-to-digital converter (ADC) of an MCU to digitize the current measurements.
Solenoid loads are highly inductive and are often prone to failure. Solenoids are often used for position control,
precise fluid control, and fluid regulation. Measuring real-time current on the solenoid continuously can indicate
premature failure of the solenoid, which can lead to a faulty control loop in the system. Measuring high-side
current also indicates if there are any ground faults on the solenoid or the FETs that can be damaged in an
application. The INA296x, with high bandwidth and slew rate, can be used to detect fast overcurrent conditions
to prevent the solenoid damage from short-to-ground faults.
10 Power Supply Recommendations
The INA296x makes accurate measurements beyond the connected power-supply voltage (VS) because the
inputs (IN+ and IN–) can operate anywhere between –4 V and 110 V independent of VS. For example, with the
VS power supply equal to 5 V, the common-mode voltage of the measured shunt can be as high as 110 V.
10.1 Power Supply Decoupling
Place the power-supply bypass capacitor as close to the supply and ground pins as possible. TI recommends a
bypass capacitor value of 0.1 μF. Additional decoupling capacitance can be added to compensate for noisy or
high-impedance power supplies.
INA296A, INA296B
SBOSA04 – MARCH 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA296A INA296B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com