Electronic Components Datasheet Search
  English  ▼

X  

INA296A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA296A
Description  INA296x ??-V to 110-V, Bidirectional, 1-MHz, 5-V/關s, Ultra-Precise Current Sense Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA296A Datasheet(HTML) 1 Page - Texas Instruments

  INA296A Datasheet HTML 1Page - Texas Instruments INA296A Datasheet HTML 2Page - Texas Instruments INA296A Datasheet HTML 3Page - Texas Instruments INA296A Datasheet HTML 4Page - Texas Instruments INA296A Datasheet HTML 5Page - Texas Instruments INA296A Datasheet HTML 6Page - Texas Instruments INA296A Datasheet HTML 7Page - Texas Instruments INA296A Datasheet HTML 8Page - Texas Instruments INA296A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
INA296x –4-V to 110-V, Bidirectional, 1-MHz, 5-V/μs, Ultra-Precise Current Sense
Amplifier
1 Features
• Wide common-mode voltage:
– Operational voltage: −4 V to +110 V
– Survival voltage: −20 V to +120 V
• Bidirectional operation
• High small signal bandwidth: 1 MHz (at all gains)
• Slew rate: 5 V/µs
• Step response settling time to 1%: 1 µs
• Excellent CMRR: 160 dB
• Accuracy:
– Gain error (maximum)
• Version A: 0.05%, 2.5 ppm/°C drift
• Version B: 0.1%, 5 ppm/°C
– Offset voltage (maximum)
• Version A: ±12 µV, ±0.25 µV/°C drift
• Version B: ±150 µV, ±0.5 µV/°C drift
• Available gains:
– INA296A1, INA296B1 : 10 V/V
– INA296A2, INA296B2 : 20 V/V
– INA296A3, INA296B3 : 50 V/V
– INA296A4, INA296B4 : 100 V/V
– INA296A5, INA296B5 : 200 V/V
• Package options: SOT23-8, VSSOP-8
2 Applications
• 48-V DC/DC Converter
• 48-V battery management systems (BMS)
• Test & Measurement
• Macro remote radio unit (RRU)
• 48-V rack server
• 48-V merchant network & server power supply
(PSU)
3 Description
The INA296x is an ultra-precise, bidirectional current
sense amplifier than can measure voltage drops
across shunt resistors over a wide common-mode
range from –4 V to 110 V, independent of the supply
voltage. The high-precision current measurement
is achieved through a combination of low offset
voltage (12 µV, maximum), small gain error (0.05%,
maximum) and a high DC CMRR (typical 160 dB,
10 nV/V VOS). The INA296x is not only designed for
high voltage bidirectional DC current measurements,
but also for high-speed applications (such as transient
detection and fast overcurrent protection) with a high
signal bandwidth of 1 MHz and fast settling time.
The INA296x operates from a single 2.7-V to 20-V
supply, drawing 3 mA of supply current. The INA296x
is available in five gain options: 10 V/V, 20 V/V, 50
V/V, 100 V/V, and 200 V/V. Multiple gain options
allow for optimization between available shunt resistor
values and wide output dynamic range requirements.
The INA296x is specified over operating temperature
range of −40°C to +125°C and is offered in a space-
saving 8-pin SOT-23 and 8-pin VSSOP package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA296A
INA296B
SOT-23 (8)
2.90 mm × 1.60 mm
VSSOP (8)(2)
3.00 mm × 3.00 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
(2)
Package is preview only
R
SENSE
PWM
PWM
IN+
IN±
OUT
VS
REF1
REF2
GND
IN+
IN±
OUT
VS
REF1
REF2
GND
C
BYPASS
CBYPASS
48 V
12 V
Typical Application - DC/DC Converter
INA296A, INA296B
SBOSA04 – MARCH 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - INA296A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA296A TI-INA296A Datasheet
1Mb / 27P
INA296x ??-V to 110-V, Bidirectional, 1-MHz, 5-V/關s, Ultra-Precise Current Sense Amplifier
MARCH 2022
INA296A TI-INA296A Datasheet
2Mb / 33P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED AUGUST 2022
INA296A TI-INA296A Datasheet
2Mb / 37P
INA296x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
FEBRUARY 2023
INA296A TI-INA296A Datasheet
2Mb / 37P
INA296x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
FEBRUARY 2023
INA296A TI-INA296A Datasheet
2Mb / 38P
INA296x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
FEBRUARY 2023
More results

Similar Description - INA296A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA296A TI-INA296A_V01 Datasheet
1Mb / 27P
INA296x ??-V to 110-V, Bidirectional, 1-MHz, 5-V/關s, Ultra-Precise Current Sense Amplifier
MARCH 2022
INA241A TI-INA241A_V02 Datasheet
2Mb / 34P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2022
INA296A TI-INA296A_V02 Datasheet
2Mb / 33P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED AUGUST 2022
INA296A-Q1 TI-INA296A-Q1 Datasheet
2Mb / 37P
INA296x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
FEBRUARY 2023
INA296A-Q1 TI-INA296A-Q1_V01 Datasheet
2Mb / 37P
INA296x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
FEBRUARY 2023
INA296A-Q1 TI-INA296A-Q1_V02 Datasheet
2Mb / 38P
INA296x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
FEBRUARY 2023
INA296A TI1-INA296A_V03 Datasheet
2Mb / 38P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED JULY 2023
INA241A TI1-INA241A_V03 Datasheet
2Mb / 39P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED JULY 2023
INA296A-Q1 TI-INA296A-Q1_V03 Datasheet
2Mb / 39P
INA296x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED AUGUST 2023
INA296A TI-INA296A_V04 Datasheet
2Mb / 43P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com