Electronic Components Datasheet Search
  English  ▼

X  

INA296A Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA296A
Description  INA296x ??-V to 110-V, Bidirectional, 1-MHz, 5-V/關s, Ultra-Precise Current Sense Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA296A Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA296A Datasheet HTML 4Page - Texas Instruments INA296A Datasheet HTML 5Page - Texas Instruments INA296A Datasheet HTML 6Page - Texas Instruments INA296A Datasheet HTML 7Page - Texas Instruments INA296A Datasheet HTML 8Page - Texas Instruments INA296A Datasheet HTML 9Page - Texas Instruments INA296A Datasheet HTML 10Page - Texas Instruments INA296A Datasheet HTML 11Page - Texas Instruments INA296A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
8 Detailed Description
8.1 Overview
The INA296x is a high or low-side bidirectional, high-speed current-sense amplifier that offers a wide common-
mode range, precision zero-drift topology, excellent common-mode rejection ratio (CMRR) and fast slew rate.
Different gain versions are available to optimize the output dynamic range based on the application. The
INA296x is designed using an architecture that enables low bias currents of 20 µA with a specified common-
mode voltage range from -4 V to 110 V with signal bandwidths up to 1 MHz.
8.2 Functional Block Diagram
+
±
+
±
IN+
IN-
GND
V
S
REF1
REF2
OUT
8.3 Feature Description
8.3.1 Amplifier Input Common-Mode Signal
The INA296x supports large input common-mode voltages from –4 V to +110 V. The internal topology of the
INA296x enables the common-mode range to not be restricted by the power-supply voltage (VS). This allows
for the INA296x to be used for both low-side and high-side current-sensing applications that extend beyond the
supply range of 2.7 V to 20 V.
8.3.1.1 Input-Signal Bandwidth
The INA296x is available with several gain options including 10 V/V, 20 V/V, 50 V/V, 100 V/V, and 200 V/V.
The unique multistage design enables the amplifier to achieve high bandwidth at all gains. This high bandwidth
provides the throughput and fast response that is required for the rapid detection and processing of overcurrent
events.
8.3.1.2 Low Input Bias Current
The INA296x inputs draw a 20-µA (typical) bias current at a common-mode voltage as high as 110 V, which
enables precision current sensing on applications that require lower current leakage. Unlike many high voltage
current sense amplifiers whose input bias currents are proportional to the common-mode voltage, the input bias
current of the INA296x remains flat over the entire common-mode voltage range.
8.3.1.3 Low VSENSE Operation
The INA296x features high performance operation across the entire valid VSENSE range. The zero-drift input
architecture of the INA296x provides the low offset voltage and low offset drift needed to measure low
VSENSE levels accurately across the wide operating temperature of –40°C to +125°C. Low VSENSE operation
is particularly beneficial when using low ohmic shunts for low current measurements, as power losses across the
shunt are significantly reduced.
8.3.1.4 Wide Fixed Gain Output
The INA296x maximum gain error is 0.05% at room temperature, with a maximum drift of 2.5 ppm/°C over the
full temperature range of –40°C to +125°C. The INA296x is available in multiple gain options of 10 V/V, 20 V/V,
INA296A, INA296B
SBOSA04 – MARCH 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA296A INA296B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com