Electronic Components Datasheet Search
  English  ▼

X  

INA819 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA819
Description  INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Optional Attenuating Gain
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA819 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA819 Datasheet HTML 4Page - Texas Instruments INA819 Datasheet HTML 5Page - Texas Instruments INA819 Datasheet HTML 6Page - Texas Instruments INA819 Datasheet HTML 7Page - Texas Instruments INA819 Datasheet HTML 8Page - Texas Instruments INA819 Datasheet HTML 9Page - Texas Instruments INA819 Datasheet HTML 10Page - Texas Instruments INA819 Datasheet HTML 11Page - Texas Instruments INA819 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
7.5 Electrical Characteristics (continued)
at TA = 25°C, VS = ±15 V, VICM = VOCM = mid-supply, VCLAMP+ = VS+, VCLAMP– = VS–, RL = 10 kΩ, and G = 1 (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FREQUENCY RESPONSE
BW
Bandwidth, –3 dB
G = 0.2
22
MHz
G = 1, input stage gain = 5 and output stage gain = 0.2
22
G = 1
15
G = 10
11
G = 100
5
G = 1000
0.8
SR
Slew rate
G = 1, VO = ±10 V
37
V/µs
tS
Settling time
0.01%
G = 0.2, VSTEP = 2 V
2.5
µs
G = 1, VSTEP = 10 V
0.8
0.001%, VSTEP = 10 V
G = 1 to 100
TBD
G = 1000
TBD
THD+N
Total harmonic distortion
plus noise
Differential input, f = 10 kHz,
VO = 10 VPP
G = 0.2
TBD
dB
G = 1
–110
Single-ended input, f = 10 kHz,
VO = 10 VPP
G = 0.2
TBD
G = 1
–90
HD2
Second-order harmonic
distortion
Differential input, f = 10 kHz,
VO = 10 VPP
G = 0.2
TBD
dB
G = 1
TBD
Single-ended input, f = 10 kHz,
VO = 10 VPP
G = 0.2
TBD
G = 1
TBD
HD3
Third-order harmonic
distortion
Differential input, f = 10 kHz,
VO = 10 VPP
G = 0.2
TBD
dB
G = 1
TBD
Single-ended input, f = 10 kHz,
VO = 10 VPP
G = 0.2
TBD
G = 1
TBD
OUTPUT COMMON-MODE VOLTAGE (VOCM) CONTROL
Input voltage
TA = –40°C to +125°C
No output clamping
(VS–) + 2.5
(VS+) – 2.5
V
Output clamp enabled
VCLAMP– + 1
VCLAMP+ – 1
Small-signal bandwidth
from VOCM pin
VOCM = 100 mVPP
22
MHz
Large-signal bandwidth
from VOCM pin
VOCM = 0.6 VPP
TBD
MHz
Slew rate from VOCM pin
VOCM = 0.5-V step
37
V/µs
DC output balance
VOCM fixed midsupply (VO = ±1 V)
70
dB
Input impedance VVOCM
pin
250 || TBD
kΩ || pF
VOCM offset from mid-
supply
VOCM pin floating
±2
±6
mV
VOCM common-mode
offset voltage
VOCM = VICM, VO = 0 V
±2
±6
mV
TA = –40°C to +125°C
TBD
VOCM common-mode
offset voltage drift
VOCM = VICM, VO = 0 V, TA = –40°C to +125°C
±20
±60
µV/°C
INA851
SBOS999 – MARCH 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com