Electronic Components Datasheet Search
  English  ▼

X  

INA819 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA819
Description  INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Optional Attenuating Gain
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA819 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA819 Datasheet HTML 9Page - Texas Instruments INA819 Datasheet HTML 10Page - Texas Instruments INA819 Datasheet HTML 11Page - Texas Instruments INA819 Datasheet HTML 12Page - Texas Instruments INA819 Datasheet HTML 13Page - Texas Instruments INA819 Datasheet HTML 14Page - Texas Instruments INA819 Datasheet HTML 15Page - Texas Instruments INA819 Datasheet HTML 16Page - Texas Instruments INA819 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
8.3.2 Input Protection
The inputs of the INA851 device are individually protected for voltages up to ±40 V beyond the power supply
rails when there is no gain resistor across the RG pins. For example, a condition of VS– –40 V on one input
and VS+ +40 V on the other input does not cause damage. Internal circuitry on each input provides low series
impedance under normal signal conditions. If the input is overloaded, the protection circuitry limits the input
current to a value of approximately 22 mA, as Figure 8-3 shows.
VIN+ or VIN– Input Voltage (V)
-40
-30
-20
-10
0
10
20
30
40
-25
-20
-15
-10
-5
0
5
10
15
20
25
VS =
15 V
VS = 0 V
Figure 8-3. Input Current During an Overvoltage Condition
As shown in Figure 8-4, during an input overvoltage condition, current flows through the input protection diodes
into the power supplies. If the power supplies are unable to sink current, then place Zener diode clamps (ZD1
and ZD2 in Figure 8-4) on the power supplies to provide a current pathway to ground.
VS+
VS–
Overvoltage
Protection
INx
Input Transistor
VS+
VS–
+
–
Input Voltage
Source
ZD1
ZD2
RIN
Figure 8-4. Input Current Path During an Overvoltage Condition
If an input stage gain greater than GIN = 1 V/V is implemented such that a gain resistor is present across the
RG terminals, the inputs will still be well protected against overvoltage conditions, but precautions must be taken
to ensure the input differential voltage limitations of the INA851 are not exceeded. For example, a condition of
VS+ +40 V on one input and VS+ +40 V on the other input does not cause damage; however, a condition of
VS– –40 V on one input and VS+ +40 V on the other input will cause damage. Precautions may include the use
of external resistors in series with each of the inputs. More detailed guidance is provided in Differential Input
Voltage Limitations.
www.ti.com
INA851
SBOS999 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com