Electronic Components Datasheet Search
  English  ▼

X  

INA819 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # INA819
Description  INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Optional Attenuating Gain
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA819 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA819 Datasheet HTML 5Page - Texas Instruments INA819 Datasheet HTML 6Page - Texas Instruments INA819 Datasheet HTML 7Page - Texas Instruments INA819 Datasheet HTML 8Page - Texas Instruments INA819 Datasheet HTML 9Page - Texas Instruments INA819 Datasheet HTML 10Page - Texas Instruments INA819 Datasheet HTML 11Page - Texas Instruments INA819 Datasheet HTML 12Page - Texas Instruments INA819 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
7.5 Electrical Characteristics (continued)
at TA = 25°C, VS = ±15 V, VICM = VOCM = mid-supply, VCLAMP+ = VS+, VCLAMP– = VS–, RL = 10 kΩ, and G = 1 (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT CLAMPING
VCLAMP+ Positive clamp voltage(9)
RL = 2 kΩ, TA = –40°C to +125°C
No output clamping
VS+
V
Output clamp enabled
VS+ – 1.5
VCLAMP– Negative clamp voltage(9) RL = 2 kΩ, TA = –40°C to +125°C
No output clamping
VS–
V
Output clamp enabled
VS– + 1.5
ΔVCLAMP Clamp voltage(9)
ΔVCLAMP = (VCLAMP+) – (VCLAMP–), output clamp enabled
3
V
Rejection ratio, VCLAMP±
pins to VOUT
TBD
dB
Fail-safe current VCLAMP+ VS+ = VS– = 0 V, VCLAMP+ = 10 V
2
mA
POWER SUPPLY
ICLAMP+
Positive clamp current
VCLAMP+ ≤ VS+ – 1.5 V
–80
–60
µA
ICLAMP–
Negative clamp current
VCLAMP– ≥ VS– + 1.5 V
60
80
µA
IQ
Quiescent current
VIN = 0 V
6
7
mA
TA = –40°C to +125°C
9
(1)
Total offset, referred-to-input (RTI): VOS = (VOSI) + (VOSO / G).
(2)
Specified by design.
(3)
Specified by characterization.
(4)
Offset drifts are uncorrelated. Input-referred offset drift is calculated using: ΔVOS(RTI) = √[ΔVOSI 2 + (ΔVOSO / G)2].
(5)
Input voltage range of the instrumentation amplifier input stage. The input range depends on the common-mode voltage, differential
voltage, gain, and VOCM.
(6)
The values specified for G > 1 do not include the effects of the external gain-setting resistor, RG.
(7)
Total RTI voltage noise is equal to: eN(RTI) = √[eNI 2 + (eNO / G)2].
(8)
See Typical Characteristics.
(9)
See detailed explanation in the Output Clamping section.
www.ti.com
INA851
SBOS999 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: INA851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com