Electronic Components Datasheet Search
  English  ▼

X  

INA819 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # INA819
Description  INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Optional Attenuating Gain
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA819 Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA819 Datasheet HTML 15Page - Texas Instruments INA819 Datasheet HTML 16Page - Texas Instruments INA819 Datasheet HTML 17Page - Texas Instruments INA819 Datasheet HTML 18Page - Texas Instruments INA819 Datasheet HTML 19Page - Texas Instruments INA819 Datasheet HTML 20Page - Texas Instruments INA819 Datasheet HTML 21Page - Texas Instruments INA819 Datasheet HTML 22Page - Texas Instruments INA819 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Equation 6 shows the transfer function for the voltage input mode.
VOUT−V=VDIFF*G=− VIN* R2R1+R2 *G
(6)
where
• VOUT-V represents the differential voltage at the INA851 outputs in voltage input mode.
• VIN is the input voltage to the PLC.
The voltages on the output pins of the INA851 follow the relationships in Equation 7 and Equation 8.
VOUT+=VDIFF*G2+VOCM
(7)
VOUT−=VDIFF*−G2+VOCM
(8)
R1 sets the input impedance of the voltage input mode. The minimum typical input impedance is 100 kΩ. The R1
value is 100 kΩ because increasing the R1 value also increases noise. The value of R3 must be extremely small
compared to R1 and R2. A 20‑Ω value is selected for R3 because that resistance value is much smaller than R1
and yields an input voltage of ±400 mV when operated in current mode (±20 mA).
Use Equation 9 to calculate R2 given VDIFF = ±400 mV, VIN = ±10 V, and R1 = 100 kΩ.
VDIFF=VIN* R2R1+R2 R2= R1*VDIFF
VIN−VDIFF=4.167kΩ
(9)
The value obtained from Equation 9 is not a standard 0.1% value; therefore, 4.17 kΩ is selected. R1 and R2 also
use 0.1% tolerance resistors to minimize error.
Use Equation 10 to calculate the ideal gain of the instrumentation amplifier.
G=VOUTVDIFF= 4.95V400mV=12.375VV
(10)
Equation 11 calculates the gain-setting resistor value using the INA851 gain equation (Equation 1).
RG=6kΩG−1= 6kΩ
12.375−1=527.473Ω
(11)
Use a standard 0.1% resistor value of 530 Ω for this design.
The ADS8920B is selected because of the differential input, 1-MSPS sampling rate, and integrated reference
buffer. Implement the antialiasing R-C-R filter using two 60.4-Ω resistors, a COG or NPO-type 510-pF differential
capacitor, and two ceramic 51-pF common-mode capacitors. The REF5050 is selected to create a 5-V reference
voltage for the ADC. Use well-matched precision resistors to create a voltage divider that generates a stable
2.5-V VOCM reference. Connect the VCLAMP+ and VCLAMP− pins of the INA851 to the supplies of the ADC
to protect against overdrive damage in the event of a fault. Consider implementing a TVS diode from the ADC
supply to GND for additional protection, and include 100-nF decoupling capacitors between the amplifier and
ADC supplies and GND.
www.ti.com
INA851
SBOS999 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: INA851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com