Electronic Components Datasheet Search
  English  ▼

X  

INA819 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # INA819
Description  INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Optional Attenuating Gain
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA819 Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA819 Datasheet HTML 16Page - Texas Instruments INA819 Datasheet HTML 17Page - Texas Instruments INA819 Datasheet HTML 18Page - Texas Instruments INA819 Datasheet HTML 19Page - Texas Instruments INA819 Datasheet HTML 20Page - Texas Instruments INA819 Datasheet HTML 21Page - Texas Instruments INA819 Datasheet HTML 22Page - Texas Instruments INA819 Datasheet HTML 23Page - Texas Instruments INA819 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
10 Power Supply Recommendations
The nominal performance of the INA851 is specified with a supply voltage of ±15 V, and VICM and VOCM at
midsupply. The device also operates using power supplies from ±4 V (8 V) to ±18 V (36 V) and non-midsupply
input and output common-mode voltages with excellent performance.
11 Layout
11.1 Layout Guidelines
Attention to good layout practices is always recommended. For best operational performance of the device, use
good printed circuit board (PCB) layout practices, including:
• To avoid converting common-mode signals into differential signals and thermal electromotive forces (EMFs),
make sure that both input paths are symmetrical and well-matched for source impedance and capacitance.
• As shown in Figure 11-1, keep the external gain resistor close to the RG pins to keep the loop inductance as
low as possible and to avoid a potential parasitic coupling path. Even slight mismatch in parasitic capacitance
at the gain setting pins can degrade CMRR over frequency. In applications that implement gain switching
using switches or PhotoMOS® relays to change the value of RG, select the component so that the switch
capacitance is as small as possible, and most importantly, so that capacitance mismatch between the RG
pins is minimized.
• Noise can propagate into analog circuitry through the power pins of the device and of the circuit as a whole.
Bypass capacitors reduce the coupled noise by providing low-impedance power sources local to the analog
circuitry.
– Connect low-ESR, 0.1-µF ceramic bypass capacitors between each supply pin and ground, placed as
close as possible to the device. A single bypass capacitor from V+ to ground is applicable for single-
supply applications.
• To reduce parasitic coupling, run the input traces as far away as possible from the supply or output traces.
If these traces cannot be kept separate, crossing the sensitive trace perpendicular is much better than in
parallel with the noisy trace.
• Leakage on the FDA_IN+ and FDA_IN– pins can cause in a dc offset error in the output voltages.
Additionally, excessive parasitic capacitance at these pins can result in decreased phase margin and affect
the stability of the output stage. If not using these pins to implement deliberate capacitive feedback, follow
best practices to minimize leakage and parasitic capacitance, which may include implementing keep-out
areas in any ground planes that lie immediately below the pins.
• Minimize the number of thermal junctions. Ideally, the signal path is routed within a single layer without vias.
• Keep sufficient distance from major thermal energy sources (circuits with high power dissipation). If not
possible, place the device so that the effects of the thermal energy source on the high and low sides of the
differential signal path are evenly matched.
• Solder the thermal pad to the PCB. For the INA851 to properly dissipate heat, connect the thermal pad
to a plane or large copper pour that is either floating or electrically connected to VS–, even for low-power
applications.
• Keep the traces as short as possible.
INA851
SBOS999 – MARCH 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com