Electronic Components Datasheet Search
  English  ▼

X  

INA819 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA819
Description  INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Optional Attenuating Gain
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA819 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA819 Datasheet HTML 7Page - Texas Instruments INA819 Datasheet HTML 8Page - Texas Instruments INA819 Datasheet HTML 9Page - Texas Instruments INA819 Datasheet HTML 10Page - Texas Instruments INA819 Datasheet HTML 11Page - Texas Instruments INA819 Datasheet HTML 12Page - Texas Instruments INA819 Datasheet HTML 13Page - Texas Instruments INA819 Datasheet HTML 14Page - Texas Instruments INA819 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
8.2 Functional Block Diagram
─IN
Current-
Feedback
Input Stage
Current-
Feedback
Input Stage
+IN
Fully Differential
Amplifier
OUT+
VOCM
External Gain Set
Resistor (Optional)
Overvoltage
Protection
Overvoltage
Protection
Input Bias
Current
Cancellation
Input Bias
Current
Cancellation
OUT─
FDA_IN─ (Optional)
FDA_IN+ (Optional)
G02+ (Optional, Externally
Short to OUT+ or Float)
G02─ (Optional, Externally
Short to OUT─ or Float)
LDO
VCLAMP+
LDO
VCLAMP─
8.3 Feature Description
8.3.1 Adjustable Gain Setting
Figure 8-2 shows that the INA851 input-stage gain is set by a single external resistor (RG) connected between
the RG pins. The gain of the output stage may be set to a unity gain of 1 V/V by floating the G02+ and G02–
pins, or to an attenuating gain of 0.2 V/V by shorting those pins to the respective OUT+ and OUT– pins.
+
–
RG
OUT+
IN
IN+
RG+
OUT
VOCM
RF
RF
R1
R2
R4
R3
G02
G02+
3 k
5 k
5 k
3 k
5 k
1.25 k
R5
R6
5 k
1.25 k
RG
ADC
INP
INN
FDA_IN
FDA_IN+
+
–
–
+
INA851
+
–
VIN+
VIN
VO = G • (VIN+
VIN ) + VOCM
(
)
G = (0.2 or 1) • 1 +
6 k
RG
Short OUT to G02 and
OUT+ to G02+ for output
stage G = 0.2 option
VOCM
+
VO
Figure 8-2. Simplified Diagram of the INA851 with Gain Equations
If the output stage is in the unity gain configuration, the value of RG is selected according to the following
equation:
G= 1+6kΩRG
(1)
When OUT+ is shorted to G02+ (pin 11 to pin 12) and OUT– is shorted to G02– (pin 9 to pin 10) so that the
output stage is in the attenuating configuration, the gain equation becomes:
G=0.2*1+6kΩRG
(2)
Table 8-1 lists several commonly used gains and resistor values, as well as the additional gain error that is
contributed by the gain resistors. The 6-kΩ term in the gain equation is a result of the sum of the two internal
3-kΩ feedback resistors. These on-chip resistors are laser-trimmed to accurate absolute values. The accuracy
and temperature coefficients of these resistors are included in the gain accuracy and drift specifications of the
www.ti.com
INA851
SBOS999 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: INA851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com