Electronic Components Datasheet Search
  English  ▼

X  

TMUX7236 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7236
Description  TMUX7236 44 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch with Latch-Up Immunity and 1.8 V Logic
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7236 Datasheet(HTML) 4 Page - Texas Instruments

  TMUX7236 Datasheet HTML 1Page - Texas Instruments TMUX7236 Datasheet HTML 2Page - Texas Instruments TMUX7236 Datasheet HTML 3Page - Texas Instruments TMUX7236 Datasheet HTML 4Page - Texas Instruments TMUX7236 Datasheet HTML 5Page - Texas Instruments TMUX7236 Datasheet HTML 6Page - Texas Instruments TMUX7236 Datasheet HTML 7Page - Texas Instruments TMUX7236 Datasheet HTML 8Page - Texas Instruments TMUX7236 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1) (2)
MIN
MAX
UNIT
VDD – VSS
Supply voltage
48
V
VDD
–0.5
48
V
VSS
–48
0.5
V
VSEL or VEN
Logic control input pin voltage (SELx)
–0.5
48
V
ISEL or IEN
Logic control input pin current (SELx)
–30
30
mA
VS or VD
Source or drain voltage (Sx, Dx)
VSS–0.5
VDD+0.5
V
IIK
Diode clamp current(3)
–30
30
mA
IS or ID (CONT)
Source or drain continuous current (Sx, Dx)
IDC + 10 %(4)
mA
TA
Ambient temperature
–55
150
°C
Tstg
Storage temperature
–65
150
°C
TJ
Junction temperature
150
°C
Ptot
Total power dissipation (QFN)(5)
1650
mW
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute maximum ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If briefly operating outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not
sustain damage, but it may not be fully functional. Operating the device in this manner may affect device reliability, functionality,
performance, and shorten the device lifetime.
(2)
All voltages are with respect to ground, unless otherwise specified.
(3)
Pins are diode-clamped to the power-supply rails. Over voltage signals must be voltage and current limited to maximum ratings.
(4)
Refer to Source or Drain Continuous Current table for IDC specifications.
(5)
For QFN package: Ptot derates linearily above TA = 70°C by 24.2mW/°C.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/
JEDEC JS-001, all pins(1)
±1000
V
Charged device model (CDM), per ANSI/ESDA/
JEDEC JS-002, all pins(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
TMUX7236
SCDS417 – MARCH 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMUX7236



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com