Electronic Components Datasheet Search
  English  ▼

X  

TMUX7236 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7236
Description  TMUX7236 44 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch with Latch-Up Immunity and 1.8 V Logic
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7236 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMUX7236 Datasheet HTML 6Page - Texas Instruments TMUX7236 Datasheet HTML 7Page - Texas Instruments TMUX7236 Datasheet HTML 8Page - Texas Instruments TMUX7236 Datasheet HTML 9Page - Texas Instruments TMUX7236 Datasheet HTML 10Page - Texas Instruments TMUX7236 Datasheet HTML 11Page - Texas Instruments TMUX7236 Datasheet HTML 12Page - Texas Instruments TMUX7236 Datasheet HTML 13Page - Texas Instruments TMUX7236 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
6.10 44 V Single Supply: Electrical Characteristics
VDD = +44 V, VSS = 0 V, GND = 0 V (unless otherwise noted)
Typical at VDD = +44 V, VSS = 0 V, TA = 25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
ANALOG SWITCH
RON
On-resistance
VS = 0 V to 40 V
ID = –10 mA
Refer to On-Resistance
25°C
2
2.4
Ω
–40°C to +85°C
3.2
Ω
–40°C to +125°C
3.8
Ω
ΔRON
On-resistance mismatch between
channels
VS = 0 V to 40 V
ID = –10 mA
Refer to On-Resistance
25°C
0.1
0.18
Ω
–40°C to +85°C
0.19
Ω
–40°C to +125°C
0.21
Ω
RON FLAT
On-resistance flatness
VS = 0 V to 40 V
ID = –10 mA
Refer to On-Resistance
25°C
0.65
0.8
Ω
–40°C to +85°C
1.1
Ω
–40°C to +125°C
1.2
Ω
RON DRIFT
On-resistance drift
VS = 22 V, IS = –10 mA
Refer to On-Resistance
–40°C to +125°C
0.007
Ω/°C
IS(OFF)
Source off leakage current(1)
VDD = 44 V, VSS = 0 V
Switch state is off
VS = 40 V / 1 V
VD = 1 V / 40 V
Refer to Off-Leakage Current
25°C
–1
0.05
1
nA
–40°C to +85°C
–7
7
nA
–40°C to +125°C
–50
50
nA
ID(OFF)
Drain off leakage current(1)
VDD = 44 V, VSS = 0 V
Switch state is off
VS = 40 V / 1 V
VD = 1 V / 40 V
Refer to Off-Leakage Current
25°C
–2.2
0.12
2.2
nA
–40°C to +85°C
–15
15
nA
–40°C to +125°C
–115
115
nA
IS(ON)
ID(ON)
Channel on leakage current(2)
VDD = 44 V, VSS = 0 V
Switch state is on
VS = VD = 40 V or 1 V
Refer to On-Leakage Current
25°C
–1
0.05
1
nA
–40°C to +85°C
–7
7
nA
–40°C to +125°C
–50
50
nA
LOGIC INPUTS (SEL / EN pins)
VIH
Logic voltage high
–40°C to +125°C
1.3
44
V
VIL
Logic voltage low
–40°C to +125°C
0
0.8
V
IIH
Input leakage current
–40°C to +125°C
0.6
2.5
µA
IIL
Input leakage current
–40°C to +125°C
–1.2
–0.005
µA
CIN
Logic input capacitance
–40°C to +125°C
3.5
pF
POWER SUPPLY
IDD
VDD supply current
VDD = 44 V, VSS = 0 V
Logic inputs = 0 V, 5 V, or VDD
25°C
44
79
µA
–40°C to +85°C
88
µA
–40°C to +125°C
105
µA
(1)
When VS is positive, VD is negative, or when VS is negative, VD is positive.
(2)
When VS is at a voltage potential, VD is floating, or when VD is at a voltage potential, VS is floating.
TMUX7236
SCDS417 – MARCH 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMUX7236



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com