Electronic Components Datasheet Search
  English  ▼

X  

TMUX7236 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7236
Description  TMUX7236 44 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch with Latch-Up Immunity and 1.8 V Logic
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7236 Datasheet(HTML) 1 Page - Texas Instruments

  TMUX7236 Datasheet HTML 1Page - Texas Instruments TMUX7236 Datasheet HTML 2Page - Texas Instruments TMUX7236 Datasheet HTML 3Page - Texas Instruments TMUX7236 Datasheet HTML 4Page - Texas Instruments TMUX7236 Datasheet HTML 5Page - Texas Instruments TMUX7236 Datasheet HTML 6Page - Texas Instruments TMUX7236 Datasheet HTML 7Page - Texas Instruments TMUX7236 Datasheet HTML 8Page - Texas Instruments TMUX7236 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
TMUX7236 44 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch with Latch-Up
Immunity and 1.8 V Logic
1 Features
• Latch-up immune
• Dual supply range: ±4.5 V to ±22 V
• Single supply range: 4.5 V to 44 V
• Low on-resistance: 2 Ω
• High current support: 330 mA (maximum) (WQFN)
• –40°C to +125°C operating temperature
• 1.8 V logic compatible
• Integrated pull-down resistor on logic pins
• Fail-safe logic
• Rail-to-rail operation
• Bidirectional operation
2 Applications
• Gas meters
• Flow transmitters
• Factory automation and industrial controls
• Programmable logic controllers (PLC)
• Analog input modules
• Semiconductor test
• Data acquisition systems
• Ultrasound scanners
• Optical networking
• Optical test equipment
• Remote radio units
• Wired networking
• Patient monitoring and diagnostics
3 Description
The TMUX7236 is a complementary metal-oxide
semiconductor (CMOS) switch with latch-up immunity
in a dual channel, 2:1 configuration. The device works
well with dual supplies (±5 V to ±22 V), a single
supply (5 V to 44 V), or asymmetric supplies (such
as VDD = 12 V, VSS = –5 V). The TMUX7236 supports
bidirectional analog and digital signals on the source
(Sx) and drain (D) pins ranging from VSS to VDD.
All logic control inputs support logic levels from
1.8 V to VDD, ensuring both TTL and CMOS
logic compatibility when operating in the valid
supply voltage range. Fail-Safe Logic circuitry allows
voltages on the control pins to be applied before
the supply pin, protecting the device from potential
damage.
The TMUX72xx family provides latch-up immunity,
preventing undesirable high current events between
parasitic structures within the device typically caused
by overvoltage events. A latch-up condition typically
continues until the power supply rails are turned off
and can lead to device failure. The latch-up immunity
feature allows the TMUX72xx family of switches and
multiplexers to be used in harsh environments.
Device Information(1)
DEVICE NUMBER
PACKAGE
BODY SIZE (NOM)
TMUX7236
WQFN (16)
4.00 mm × 4.00 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
S1A
S1B
D1
VDD
VSS
Log ic
Decoder
S2A
S2B
D2
SEL1
SEL2
EN
Block Diagram
TMUX7236
SCDS417 – MARCH 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - TMUX7236

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7236 TI-TMUX7236 Datasheet
2Mb / 41P
TMUX7236 44 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With Latch-Up Immunity and 1.8 V Logic
REVISED JULY 2022
TMUX7236 TI1-TMUX7236 Datasheet
2Mb / 45P
TMUX7236 44 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With Latch-Up Immunity and 1.8 V Logic
REVISED DECEMBER 2023
TMUX7236 TI1-TMUX7236 Datasheet
2Mb / 45P
TMUX7236 44 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With Latch-Up Immunity and 1.8 V Logic
DECEMBER 2023
TMUX7236PWR TI1-TMUX7236PWR Datasheet
2Mb / 45P
TMUX7236 44 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With Latch-Up Immunity and 1.8 V Logic
DECEMBER 2023
TMUX7236RUMR TI-TMUX7236RUMR Datasheet
2Mb / 41P
TMUX7236 44 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With Latch-Up Immunity and 1.8 V Logic
REVISED JULY 2022
More results

Similar Description - TMUX7236

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7219 TI-TMUX7219 Datasheet
2Mb / 38P
TMUX7219 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
TMUX7234 TI-TMUX7234 Datasheet
1Mb / 36P
TMUX7234 44-V, Low Ron, 2:1, 4 Channel Precision Switch with Latch-Up Immunity and 1.8-V Logic
TMUX7234 TI-TMUX7234_V01 Datasheet
1Mb / 38P
TMUX7234 44 V, Low Ron, 2:1, 4 Channel Precision Switches with Latch-Up Immunity and 1.8 V Logic
AUGUST 2021
TMUX7236 TI-TMUX7236_V01 Datasheet
2Mb / 41P
TMUX7236 44 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With Latch-Up Immunity and 1.8 V Logic
REVISED JULY 2022
TMUX7234 TI1-TMUX7234_V02 Datasheet
1Mb / 45P
TMUX7234 44 V, Low Ron, 2:1, 4 Channel Precision Switches with Latch-Up Immunity and 1.8 V Logic
REVISED DECEMBER 2022
TMUX7201 TI-TMUX7201 Datasheet
1Mb / 39P
TMUX720x 44 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With Latch-Up Immunity and 1.8-V Logic
REVISED MARCH 2023
TMUX7221 TI-TMUX7221 Datasheet
1Mb / 36P
TMUX722x 44 V, Low-RON, 1:1 (SPST), 2-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
FEBRUARY 2023
TMUX7221 TI-TMUX7221_V01 Datasheet
1Mb / 37P
TMUX722x 44 V, Low-RON, 1:1 (SPST), 2-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
REVISED SEPTEMBER 2023
TMUX7236 TI1-TMUX7236_V02 Datasheet
2Mb / 45P
TMUX7236 44 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With Latch-Up Immunity and 1.8 V Logic
REVISED DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com