Electronic Components Datasheet Search
  English  ▼

X  

TMUX7236 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7236
Description  TMUX7236 44 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch with Latch-Up Immunity and 1.8 V Logic
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7236 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMUX7236 Datasheet HTML 19Page - Texas Instruments TMUX7236 Datasheet HTML 20Page - Texas Instruments TMUX7236 Datasheet HTML 21Page - Texas Instruments TMUX7236 Datasheet HTML 22Page - Texas Instruments TMUX7236 Datasheet HTML 23Page - Texas Instruments TMUX7236 Datasheet HTML 24Page - Texas Instruments TMUX7236 Datasheet HTML 25Page - Texas Instruments TMUX7236 Datasheet HTML 26Page - Texas Instruments TMUX7236 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
8 Detailed Description
8.1 Functional Block Diagram
The TMUX7236 is a 2:1, 2-channel multiplexer or demultiplexer. Each input is turned on or turned off based on
the state of the select lines and enable pin.
S1A
S1B
D1
VDD
VSS
Log ic
Decoder
S2A
S2B
D2
SEL1
SEL2
EN
8.2 Feature Description
8.2.1 Bidirectional Operation
The TMUX7236 conducts equally well from source (Sx) to drain (Dx) or from drain (Dx) to source (Sx). Each
channel has very similar characteristics in both directions and supports both analog and digital signals.
8.2.2 Rail to Rail Operation
The valid signal path input or output voltage for TMUX7236 ranges from VSS to VDD.
8.2.3 1.8 V Logic Compatible Inputs
The TMUX7236 has 1.8-V logic compatible control for all logic control inputs. 1.8-V logic level inputs allows the
TMUX7236 to interface with processors that have lower logic I/O rails and eliminates the need for an external
translator, which saves both space and BOM cost. For more information on 1.8 V logic implementations refer to
Simplifying Design with 1.8 V logic Muxes and Switches.
8.2.4 Integrated Pull-Down Resistor on Logic Pins
The TMUX7236 has internal weak pull-down resistors to GND to ensure the logic pins are not left floating. The
value of this pull-down resistor is approximately 4 MΩ, but is clamped to about 1 µA at higher voltages. This
feature integrates up to three external components and reduces system size and cost.
8.2.5 Fail-Safe Logic
The TMUX7236 supports Fail-Safe Logic on the control input pins (EN and SEL) allowing for operation up to 44
V above VSS, regardless of the state of the supply pins. This feature allows voltages on the control pins to be
applied before the supply pin, protecting the device from potential damage. Fail-Safe Logic minimizes system
complexity by removing the need for power supply sequencing on the logic control pins. For example, the
Fail-Safe Logic feature allows the logic input pins of the TMUX7236 to be ramped to +44 V while VDD and VSS =
0 V. The logic control inputs are protected against positive faults of up to +44 V in the powered-off condition, but
does not offer protection against negative overvoltage conditions.
www.ti.com
TMUX7236
SCDS417 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TMUX7236



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com