Electronic Components Datasheet Search
  English  ▼

X  

LP5890 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LP5890
Description  LP5890 16 횞 48 LED Matrix Driver With Ultra-low Power
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5890 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LP5890 Datasheet HTML 28Page - Texas Instruments LP5890 Datasheet HTML 29Page - Texas Instruments LP5890 Datasheet HTML 30Page - Texas Instruments LP5890 Datasheet HTML 31Page - Texas Instruments LP5890 Datasheet HTML 32Page - Texas Instruments LP5890 Datasheet HTML 33Page - Texas Instruments LP5890 Datasheet HTML 34Page - Texas Instruments LP5890 Datasheet HTML 35Page - Texas Instruments LP5890 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
R0/G0/B0, locating in line 1 of BANK A, is selected to restore the data transimitted the 17th time after VSYNC
command.
Repeat this operation for each line until the LINE_COUNT exceeds the number of scan lines set in the
SCAN_NUM (See FC0 register bit20-16 ) and all scan lines have been updated with new GS data, which means
one frame of GS data is restored into the memory BANK. Then the LINE_COUNT is reset to 0.
8.6.2 PWM Control for Display
In order to increase the refreash rate in time-multiplexing display system, an DS-PWM (Dynamic Spectrum-
Pulse Width Modulation) algorithm is proposed in this device. One frame is divided into many segments shown
as below. Note that one frame is divided into n sub-periods, n is set by SUBP_NUM (FC0 register bit23-21),
and each sub-period is divided into 32 segments for 32 scan lines. Each segment contains GS GCLKs time for
grayscale data display and T_SW GCLKs time for switching lines. GS is configured by the SEG_LENGTH (FC1
register bit9-0 in Table 8-8), and T_SW is the line switch time, which is configured by the LINE_SWT (see FC1
register bit 40-37 in Table 8-8).
LP5890
SLVSGD5 – JULY 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LP5890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com