Electronic Components Datasheet Search
  English  ▼

X  

LP5890 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # LP5890
Description  LP5890 16 횞 48 LED Matrix Driver With Ultra-low Power
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5890 Datasheet(HTML) 40 Page - Texas Instruments

Back Button LP5890 Datasheet HTML 36Page - Texas Instruments LP5890 Datasheet HTML 37Page - Texas Instruments LP5890 Datasheet HTML 38Page - Texas Instruments LP5890 Datasheet HTML 39Page - Texas Instruments LP5890 Datasheet HTML 40Page - Texas Instruments LP5890 Datasheet HTML 41Page - Texas Instruments LP5890 Datasheet HTML 42Page - Texas Instruments LP5890 Datasheet HTML 43Page - Texas Instruments LP5890 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 72 page
background image
Table 8-9. FC2 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
31-28
LG_COLOR_G
R/W
0000b
Set the Red brightness compensation level of the low grayscale
0000b: level 1 (lowest)
...
0111b: level 8 (middle)
...
1111b: level 16(highest)
35-32
LG_COLOR_B
R/W
0000b
Set the Red brightness compensation level of the low grayscale
0000b: level 1 (lowest)
...
0111b: level 8 (middle)
...
1111b: level 16(highest)
38-36
RESERVED
R
111000b
39
CH_R_IMMUNITY
R/W
1b
Set the immunity of the Red channels group
0b: high immunity
1b: low immunity
40
CH_G_IMMUNITY
R/W
1b
Set the immunity of the Green channels group
0b: high immunity
1b: low immunity
41
CH_B_IMMUNITY
R/W
1b
Set the immunity of the Blue channels group
0b: high immunity
1b: low immunity
42
SUBP_MAX_256
R/W
0b
Set the maximum subperiod to 256.
0b: disable
1b: enable
47-43
RESERVED
R
00000b
8.7.4 FC3
FC3 is shown in FC3 Register and described in FC3 Register Field Descriptions.
Figure 8-28. FC3 Register
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
LSDVTH_B
LSDVTH_G
LSDVTH_R
LSD_RM
BC
R/W-000b
R/W-000b
R/W-000b
R/W-0111b
R/W-011b
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
CC_B
CC_G
R/W-0111 1111b
R/W-0111 1111b
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CC_R
RESERVED
R/W-0111 1111b
R-00000000b
Table 8-10. FC3 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
RESERVED
R
0000 0000b
15-8
CC_R
R/W
0111 1111b Set the Red color brightness level
0000 0000b: level 0 (lowest)
...
0111 1111b: level 127 (middle)
...
1111 1111b: level 255 (highest)
LP5890
SLVSGD5 – JULY 2021
www.ti.com
40
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LP5890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com