Electronic Components Datasheet Search
  English  ▼

X  

LP5890 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP5890
Description  LP5890 16 횞 48 LED Matrix Driver With Ultra-low Power
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5890 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP5890 Datasheet HTML 12Page - Texas Instruments LP5890 Datasheet HTML 13Page - Texas Instruments LP5890 Datasheet HTML 14Page - Texas Instruments LP5890 Datasheet HTML 15Page - Texas Instruments LP5890 Datasheet HTML 16Page - Texas Instruments LP5890 Datasheet HTML 17Page - Texas Instruments LP5890 Datasheet HTML 18Page - Texas Instruments LP5890 Datasheet HTML 19Page - Texas Instruments LP5890 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 72 page
background image
Table 8-1. Stackable With Different SCAN_REV Value (continued)
LED Matrix Physical Line
Device Line Switch Pin (SCAN_REV = 1)
Device Line Switch Pin (SCAN_REV = 0)
L25
2_LS6
2_LS9
L26
2_LS5
2_LS10
L27
2_LS4
2_LS11
L28
2_LS3
2_LS12
L29
2_LS2
2_LS13
L30
2_LS1
2_LS14
L31
2_LS0
2_LS15
When the LP5890 devices are used in stackable mode, if there are unused line switches, these unused line
switches must be the last line switches of the first or the second device. For example, if there are only 30
scanning lines, and if,
The unused line switches must be 2_LS14, 2_LS15 if SCAN_REV = '0'b, or 2_LS1, 2_LS0 if SCAN_REV = '1'b.
8.3.2 Current Setting
8.3.2.1 Brightness Control (BC) Function
The LP5890 device is able to adjust the output current of all constant-current outputs simultaneously. This
function is called global brightness control (BC). The global BC for all outputs is programmed with a 3-bit
register, thus all output currents can be adjusted in 8 steps for a given current-programming resistor, RIREF.
When the 3-bit BC register changes, the gain of output current, GAINBC changes as Table 8-2 below.
Table 8-2. Current Gain Versus BC Code
BC Register (BC)
Current Gain (GAINBC)
000b
24.17
001b
30.57
010b
49.49
011b (default)
86.61
100b
103.94
101b
129.92
110b
148.48
111b
173.23
The maximum output current per channel, IOUTSET, is determined by resistor, RIREF, and the GAINBC. The
voltage on IREF is typically 0.8 V. RIREF can be calculated by Equation 1 below. For noise immunity purpose,
suggest RIREF < 40 kΩ.
4
+4'(
(G×) =
8
+4'(
(8)
+
+4'(
(I#)
=
8
+4'(
(8)
+
1765'6
(I#)
× )#+0($%)
(1)
8.3.2.2 Color Brightness Control (CC) Function
The LP5890 device is able to adjust the output current of each of the three color groups R0-R15, G0-G15, and
B0-B15 separately. This function is called color brightness control (CC). For each color, it has 8-bit data register,
CC_R, CC_G, or CC_B. Thus, all color group output currents can be adjusted in 256 steps from 0% to 100%
of the maximum output current, IOUTSET. The output current of each color, IOUT_R (or G or B), can be calculated by
Equation 2 below.
+
176
_4(KN ) KN $) =
+
1765'6
×
1 + %%_4(KN %%_) KN %%_$)
256
(2)
Table Table 8-3 shows the CC data versus the constant-current against IOUTSET:
LP5890
SLVSGD5 – JULY 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LP5890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com