Electronic Components Datasheet Search
  English  ▼

X  

LP5890 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP5890
Description  LP5890 16 횞 48 LED Matrix Driver With Ultra-low Power
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5890 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP5890 Datasheet HTML 13Page - Texas Instruments LP5890 Datasheet HTML 14Page - Texas Instruments LP5890 Datasheet HTML 15Page - Texas Instruments LP5890 Datasheet HTML 16Page - Texas Instruments LP5890 Datasheet HTML 17Page - Texas Instruments LP5890 Datasheet HTML 18Page - Texas Instruments LP5890 Datasheet HTML 19Page - Texas Instruments LP5890 Datasheet HTML 20Page - Texas Instruments LP5890 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 72 page
background image
Table 8-3. CC Data vs Current Ratio
CC Register (CC_R or CC_G or
CC_B)
Ratio of IOUTSET
0000 0000b
1/256
0.39%
0000 0001b
2/256
0.78%
...
...
...
0111 1111b (default)
128/256
50%
...
...
...
1111 1110b
255/256
99.61%
1111 1111b
256/256
100%
8.3.2.3 Choosing BC/CC for a Different Application
BC is mainly used for global brightness adjustment to adapt to ambient brightness, such as between day and
night, indoor and outdoor.
Suggested BC is 3h or 4h, which is in the middle of the range, allowing flexible changes in brightness up and
down.
• If the current of one color group (usually R LEDs) is close to the output maximum current (10 mA or 20 mA),
choose the maximum BC value, 7h, to prevent the constant output current from exceeding the upper limit in
case a larger BC code is input accidentally.
• If the current of one color group (usually B LEDs) is close to the output minimum current (0.2 mA), choose the
minimum BC code, 0h, to prevent the constant output current from exceeding the lower limit in case a lower
BC code is input accidentally.
The CC can be used to fine tune the brightness in 256 steps. The CC is suitable for white balance adjustment
between RGB color group. To get a pure white color, the general requirement for the luminous intensity ratio
of R, G, B LED is 5:3:2. Depending on the characteristics of the LED (Electro-Optical conversion efficiency),
the current ratio of R, G, B LED will be much different from this ratio. Usually, the Red LED needs the largest
current. Choose 255d (the maximum value) CC code for the color group that needs the largest initial current,
then choose proper CC code for the other two color groups according to the current ratio requirement of the LED
used.
8.3.3 Frequency Multiplier
The LP5890 has an internal frequency multiplier to generate the GCLK by SCLK. The GCLK frequency can be
configured by FREQ_MOD (for more details, see FC0) and FREQ_MUL (for more details, see FC0) from 40
MHz to 160 MHz. As Figure 8-4 shows, if the GCLK frequency is not higher than 80 MHz, the GCLK_MOD is set
to 0 to disable the bypass switch (enable the ½ divider), while the GCLK frequency is higher than 80 MHz, the
GCLK_MOD is set to 1 to enable the bypass switch (disable the ½ divider).
1/2
SCLK
GCLK_MUL
GCLK_MOD
GCLK
Figure 8-4. Frequency Multiplier Block Diagram
8.3.4 Line Transitioning Sequence
The LP5890 defines a timing sequence of scan line transition. T_SW is the total transitioning time.
Table 8-4 is the relation between LINE_SWT bits and the line switch time (GCLK numbers) with different internal
GCLK frequency.
www.ti.com
LP5890
SLVSGD5 – JULY 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LP5890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com