Electronic Components Datasheet Search
  English  ▼

X  

LP5890 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LP5890
Description  LP5890 16 횞 48 LED Matrix Driver With Ultra-low Power
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5890 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LP5890 Datasheet HTML 25Page - Texas Instruments LP5890 Datasheet HTML 26Page - Texas Instruments LP5890 Datasheet HTML 27Page - Texas Instruments LP5890 Datasheet HTML 28Page - Texas Instruments LP5890 Datasheet HTML 29Page - Texas Instruments LP5890 Datasheet HTML 30Page - Texas Instruments LP5890 Datasheet HTML 31Page - Texas Instruments LP5890 Datasheet HTML 32Page - Texas Instruments LP5890 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
Device_1
Device_...
Device_m
ST
Head_bytes
Data_m
Data_...
Data_1
END
ST
Head_bytes
Data_m
Data_...
END
ST
Head_bytes
Data_m
END
ST
Head_bytes
END
Controller
SOUT
SIN
SCLK
Figure 8-19. Data Write Command With Non-Broadcast
Figure 8-20 shows the timing diagram of the Data Write Command with Non-Broadcast.
Figure 8-20. Data Write Command with Non-Broadcast (Timing Diagram)
8.5.4 Read Command
The controller sends the read command. When the first device receives this command, it inserts its 48-bit
data before End_bytes, and meanwhile shifts out to the second device. When the second device receives this
command, it inserts its 48-bit data before End_bytes and meanwhile shifts out to the third device. The data of all
the device will be shifted out from the last device SOUT with this flow. The MSB is always transmitted first and
the LSB is transmitted last.
Device_1
Device_...
Device_m
Controller
SOUT
SIN
SCLK
ST
Head_bytes
END
ST
Head_bytes
Data_1
END
ST
Head_bytes
Data_1
Data_...
END
ST
Head_bytes
Data_1
Data_...
Data_m
END
Figure 8-21. Data Read Command
www.ti.com
LP5890
SLVSGD5 – JULY 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: LP5890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com