Electronic Components Datasheet Search
  English  ▼

X  

LP5890 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP5890
Description  LP5890 16 횞 48 LED Matrix Driver With Ultra-low Power
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5890 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP5890 Datasheet HTML 9Page - Texas Instruments LP5890 Datasheet HTML 10Page - Texas Instruments LP5890 Datasheet HTML 11Page - Texas Instruments LP5890 Datasheet HTML 12Page - Texas Instruments LP5890 Datasheet HTML 13Page - Texas Instruments LP5890 Datasheet HTML 14Page - Texas Instruments LP5890 Datasheet HTML 15Page - Texas Instruments LP5890 Datasheet HTML 16Page - Texas Instruments LP5890 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Independent and Stackable Mode
The LP5890 can operate in two different modes: independent or stackable. In independent mode, a single
LP5890 can drive a 16 × 16 RGB LED matrix, while in stackable mode, up to three LP5890s can be stacked
together, which means the line switches of one device can be shared to another. Stacking two LP5890s can
drive a 32 × 32 RGB LED matrix while stacking three LP5890s can drive a 32 × 48 RGB matrix. The mode can
be configured by the MOD_SIZE (For more details, see FC0).
8.3.1.1 Independent Mode
Figure 8-1 shows an implementation of a 16 × 32 RGB LED matrix using two LP5890s in independent mode.
Each device is responsible for its own 16 × 16 RGB LED matrix which means that all the data for section A is
stored in Device1 and the data for section B is stored in Device2.
www.ti.com
LP5890
SLVSGD5 – JULY 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LP5890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com