Electronic Components Datasheet Search
  English  ▼

X  

MGC3030 Datasheet(PDF) 23 Page - Microchip Technology

Part # MGC3030
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3030 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MGC3030 Datasheet HTML 19Page - Microchip Technology MGC3030 Datasheet HTML 20Page - Microchip Technology MGC3030 Datasheet HTML 21Page - Microchip Technology MGC3030 Datasheet HTML 22Page - Microchip Technology MGC3030 Datasheet HTML 23Page - Microchip Technology MGC3030 Datasheet HTML 24Page - Microchip Technology MGC3030 Datasheet HTML 25Page - Microchip Technology MGC3030 Datasheet HTML 26Page - Microchip Technology MGC3030 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
Notes: 
1.
These are typical operating voltages.
2.
It is important that the low-ESR capacitor is placed as close as possible to the VCAP pin.
3.
The typical voltage on the VCAP is 1.8V.
6.2.2
Decoupling Capacitors
The use of decoupling capacitors on power supply pins, such as VDD, VSS and AVDD is required.
Consider the following criteria when using decoupling capacitors:
• Value and type of capacitor: SMD X7R ceramic capacitors with the value indicated in ‘Reference Schematic’
section and nominal voltage of 10...25V X7R are recommended. The capacitors will be a low Equivalent Series
Resistance (low-ESR) capacitor and have resonance frequency of 20 MHz or higher.
• Placement on the printed circuit board: The decoupling capacitors will be placed as close to the pins as
possible. It is recommended that the capacitors be placed on the same side of the board as the device. If space
is constricted, the capacitor can be placed on another layer on the PCB using a "via"; however, ensure that the
trace length from the pin to the capacitor is within 6 mm in length.
• Handling high-frequency noise: If the board is experiencing high-frequency noise, upward of tens of MHz,
add a second ceramic-type capacitor in parallel to the above described decoupling capacitor. The value of the
second capacitor can be in the range of 0.01 μF to 0.001 μF. Place this second capacitor next to the primary
decoupling capacitor. In high-speed circuit designs, consider implementing a decade pair of capacitances as
close as possible to the power and ground pins. For example, 0.1 μF in parallel with 0.001 μF.
• Maximizing performance: On the board layout from the power supply circuit, run the power and return traces
to the decoupling capacitors first and then to the device pins. This ensures that the decoupling capacitors are
first in the power chain. Equally important is to keep the trace length between the capacitor and the power pins
to a minimum, thereby reducing PCB track inductance.
Related Links
8.5. Reference Schematic
6.3
Clocks
The MGC3140 is embedding two internal oscillators, high speed and low speed. The High-Speed Oscillator (HSO) is
factory-trimmed, achieving high accuracy.
• High-Speed Oscillator (HSO): The MGC3140 is clocked by an internal HSO running at 40 MHz (+/- 2%). This
clock is used to generate the Tx signal, to trigger the ADC conversions and to run the SPU. During Deep Sleep
mode, the HSO clock is switched off.
• Low-Speed Oscillator (LSO): This low-speed and ultra-low-power oscillator is typically 32 kHz (+/- 15%). It is
used during power-saving modes.
6.4
Operation Modes
MGC3140 offers three operation modes that allow the user to balance power consumption with device functionality. In
all of the modes described in this section, power saving is configured by GestIC Library messages. A summary of the
operation modes, as well as their respective current consumption values are given in the table below:
Table 6-1. Operation Modes Summary
Mode
Entry
Exit
Comments
Processing
I2C/Approach/MCLR/
WDTR/SW Reset
GestIC® Library
Message/ Non-
Activity Time-out/
WDTR
Processing mode with up to five electrodes
continuously running
Full positioning and Gesture Recognition capabilities
MGC3140
Functional Description
© 2018-2022 Microchip Technology Inc.
and its subsidiaries
Advance Information Datasheet
DS40002037C-page 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com