Electronic Components Datasheet Search
  English  ▼

X  

MGC3030 Datasheet(PDF) 30 Page - Microchip Technology

Part # MGC3030
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3030 Datasheet(HTML) 30 Page - Microchip Technology

Back Button MGC3030 Datasheet HTML 26Page - Microchip Technology MGC3030 Datasheet HTML 27Page - Microchip Technology MGC3030 Datasheet HTML 28Page - Microchip Technology MGC3030 Datasheet HTML 29Page - Microchip Technology MGC3030 Datasheet HTML 30Page - Microchip Technology MGC3030 Datasheet HTML 31Page - Microchip Technology MGC3030 Datasheet HTML 32Page - Microchip Technology MGC3030 Datasheet HTML 33Page - Microchip Technology MGC3030 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
– MGC3140 presents the ACK bit on the ninth clock for data acknowledgment
• The host must monitor the SCL pin prior to asserting another clock pulse, as the MGC3140 may be holding off
the host by stretching the clock.
I2C Communication Steps
1.
SCL and SDA lines are Idle high.
2.
I2C host presents Start bit to the MGC3140 by taking SDA high-to-low, followed by taking SCL high-to-low.
3.
I2C host presents 7-bit address, followed by a R/W = 0 (Write mode) bit to the MGC3140 on SDA, at the rising
edge of eight host clock (SCL) cycles.
4.
MGC3140 compares the received address to its Device ID. If they match, the MGC3140 acknowledges (ACK)
the I2C host sent address by presenting a low on SDA, followed by a low-high-low on SCL.
5.
I2C host monitors SCL, as the MGC3140 may be clock stretching, holding SCL low to indicate the I2C host
should wait.
6.
I2C host presents eight data bits (MSB first) to the MGC3140 on SDA, at the rising edge of eight host clock
(SCL) cycles.
7.
MGC3140 acknowledges (ACK) receipt of the eight data bits by presenting a low on SDA, followed by a
low-high-low on SCL.
8.
If data transfer is not complete, then go to Step 5.
9.
Host presents a Stop bit to the MGC3140 by taking SCL low-high, followed by taking SDA low-to-high.
Important:  The Stop condition after an I2C data transmission is generated by the host controller after
the data transfer is completed. Thus, it is recommended to verify the number of bytes to be read in the
message header (Size field). Host must send the Stop condition as soon as the exact number of bytes
specified in the message header has been received. Failing to do so may result in abnormal interface
operation.
MGC3140
Interface Description
© 2018-2022 Microchip Technology Inc.
and its subsidiaries
Advance Information Datasheet
DS40002037C-page 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com