Electronic Components Datasheet Search
  English  ▼

X  

MGC3030 Datasheet(PDF) 31 Page - Microchip Technology

Part # MGC3030
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3030 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MGC3030 Datasheet HTML 27Page - Microchip Technology MGC3030 Datasheet HTML 28Page - Microchip Technology MGC3030 Datasheet HTML 29Page - Microchip Technology MGC3030 Datasheet HTML 30Page - Microchip Technology MGC3030 Datasheet HTML 31Page - Microchip Technology MGC3030 Datasheet HTML 32Page - Microchip Technology MGC3030 Datasheet HTML 33Page - Microchip Technology MGC3030 Datasheet HTML 34Page - Microchip Technology MGC3030 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
8.
Application Architecture
The standard MGC3140 application architecture consists of a MGC3140 controller connected to external electrodes
and an application host. For further information on the electrode design, refer to “GestIC Design Guide”
(DS40001716). Details on the I2C interface can be found in “MGC3140 - GestIC Library Interface Description User’s
Guide” (DS40001875).
8.1
ESD Considerations
The MGC3140 provides Electrostatic Discharge (ESD) voltage protection up to 4 kV (HBM) and Charge Device
Model (CDM) 750V on corner pins; 500V on all other pins. Additional ESD countermeasures may be implemented
individually to meet application-specific requirements.
8.2
Power Noise Considerations
MGC3140 filtering capacitors are included in the reference design schematic.
8.3
High-Frequency Noise Immunity
In order to suppress irradiated high-frequency signals, the five Rx channels of the chip are connected to the
electrodes via serial 10 kΩ resistors, as close as possible to MGC3140. The 10 kΩ resistor and the MGC3140
input capacitance are building a low-pass filter with a corner frequency of 3 MHz. An additional ferrite bead is
recommended to suppress the coupling of RF noise to the Tx channel (e.g., 600Ω at 100 MHz).
8.4
RF Emission
The Tx pins are used to shape the Tx signal and reduce emission in relevant frequency bands. The slope of the
Tx signal is randomized using dithering techniques while the sampling point is kept constant for further reduction of
emission. In addition, a RC network on the Tx output will reduce the emission even further. For further support on
reduction of RF emission, contact a local Microchip representative.
MGC3140
Application Architecture
© 2018-2022 Microchip Technology Inc.
and its subsidiaries
Advance Information Datasheet
DS40002037C-page 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com