Electronic Components Datasheet Search
  English  ▼

X  

MGC3030 Datasheet(PDF) 43 Page - Microchip Technology

Part # MGC3030
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3030 Datasheet(HTML) 43 Page - Microchip Technology

Back Button MGC3030 Datasheet HTML 38Page - Microchip Technology MGC3030 Datasheet HTML 39Page - Microchip Technology MGC3030 Datasheet HTML 40Page - Microchip Technology MGC3030 Datasheet HTML 41Page - Microchip Technology MGC3030 Datasheet HTML 42Page - Microchip Technology MGC3030 Datasheet HTML 43Page - Microchip Technology MGC3030 Datasheet HTML 44Page - Microchip Technology MGC3030 Datasheet HTML 45Page - Microchip Technology MGC3030 Datasheet HTML 46Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
Product Identification System
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
–X
/XX
Package
[X](1)
Tape
and Reel
Device
Temperature
Range
Device:
MGC3140
Tape & Reel Option:
Blank
= Tube
T
= Tape & Reel
Temperature Range:
I
= -40°C to +85°C (Industrial)
E
= -40°C to +125°C (Extended)
Package
MV
= 48-lead UQFN 6x6x0.5mm
Pattern
QTP, SQTP, Code or Special Requirements (blank otherwise)
Orderable Part Number
Firmware
Revision
Industrial/
Automotive
Description
MGC3140-E/MV (supplied in
tubes)
3.0.04
Industrial
48-pin UQFN48 6x6x0.5
RoHS compliant
Industrial grade, PPAP requests are not supported
MGC3140-I/MV (supplied in
tubes)
Industrial
MGC3140T-E/MV (supplied
in tape and reel)
Industrial
MGC3140T-I/MV (supplied in
tape and reel)
Industrial
MGC3140-E/MVVAO
(supplied in tubes)
Automotive
48-pin UQFN48 6x6x0.5
RoHS compliant
Automotive grade; suitable for automotive
characterization, PPAP requests are supported
MGC3140-I/MVVAO
(supplied in tubes)
Automotive
MGC3140T-E/MVVAO
(supplied in tape and reel)
Automotive
MGC3140T-I/MVVAO
(supplied in tape and reel)
Automotive
Examples:
• MGC3140-E/MV: Extended temperature, UQFN package.
• MGC3140-I/MV: Industrial temperature, UQFN package
Note: 
1.
Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering
purposes and is not printed on the device package. Check with your Microchip Sales Office for package
availability with the Tape and Reel option.
Microchip Devices Code Protection Feature
Note the following details of the code protection feature on Microchip products:
MGC3140
© 2018-2022 Microchip Technology Inc.
and its subsidiaries
Advance Information Datasheet
DS40002037C-page 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com