Electronic Components Datasheet Search
  English  ▼

X  

MGC3030 Datasheet(PDF) 35 Page - Microchip Technology

Part # MGC3030
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3030 Datasheet(HTML) 35 Page - Microchip Technology

Back Button MGC3030 Datasheet HTML 31Page - Microchip Technology MGC3030 Datasheet HTML 32Page - Microchip Technology MGC3030 Datasheet HTML 33Page - Microchip Technology MGC3030 Datasheet HTML 34Page - Microchip Technology MGC3030 Datasheet HTML 35Page - Microchip Technology MGC3030 Datasheet HTML 36Page - Microchip Technology MGC3030 Datasheet HTML 37Page - Microchip Technology MGC3030 Datasheet HTML 38Page - Microchip Technology MGC3030 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
DC Output Characteristics
Operating temperature: -40°C ≤ TA ≤ 125°C
Characteristic
Symbol
Pin Function
Min
Max
Units
Conditions
Output low
voltage
VIL
Tx, SDA, SCL,
SYNC
0.4
V
IOL ≤ 10 mA VDD = 3.3V
Output high
voltage
VIH
Tx, SDA, SCL,
SYNC
1.5(1)
V
IOH ≥ -14 mA VDD = 3.3V
2.0(1)
V
IOH ≥ -12 mA VDD = 3.3V
2.4(1)
uA
IOH ≥ -10 mA VDD = 3.3V
3.0(1)
uA
IOH ≥ -7 mA VDD = 3.3V
Note: 
1.
Parameters are characterized, but not tested.
10.4
Current Consumption
Operating Mode
Current Consumption mA
Typical
Processing mode
29
Approach mode
0.23-2.4(1)
Deep Sleep mode
0.085
Note: 
1.
Approach mode current consumption is dependent on the Approach mode scan time. The figure below shows
the variation of current consumption with scan period.
10.4.1
Approach Scan Current Consumption
Figure 10-1. MGC3140 Power Consumption vs Approach Scan Period
MGC3140
Electrical Specifications
© 2018-2022 Microchip Technology Inc.
and its subsidiaries
Advance Information Datasheet
DS40002037C-page 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com