Electronic Components Datasheet Search
  English  ▼

X  

MIC33050 Datasheet(PDF) 19 Page - Microchip Technology

Part # MIC33050
Description  4 MHz Internal Inductor PWM Buck Power Module with HyperLight Load짰
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33050 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MIC33050 Datasheet HTML 14Page - Microchip Technology MIC33050 Datasheet HTML 15Page - Microchip Technology MIC33050 Datasheet HTML 16Page - Microchip Technology MIC33050 Datasheet HTML 17Page - Microchip Technology MIC33050 Datasheet HTML 18Page - Microchip Technology MIC33050 Datasheet HTML 19Page - Microchip Technology MIC33050 Datasheet HTML 20Page - Microchip Technology MIC33050 Datasheet HTML 21Page - Microchip Technology MIC33050 Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
2018 - 2022 Microchip Technology Inc.
DS20006120B-page 19
MIC33050
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC33050-4YHL-TR:
4 MHz Internal Inductor PWM Buck
Power Module with HyperLight
Load®, 1.2V Fixed Output Voltage,
–40°C to +125°C Junction
Temperature Range, Pb-Free,
RoHS Compliant, 12-Lead HDFN
Package, 5000/Reel
b) MIC33050-GYHL-TR:
4 MHz Internal Inductor PWM Buck
Power Module with HyperLight
Load®, 1.8V Fixed Output Voltage,
–40°C to +125°C Junction
Temperature Range, Pb-Free,
RoHS Compliant, 12-Lead HDFN
Package, 5000/Reel
c) MIC33050-SYHL-TR:
4 MHz Internal Inductor PWM Buck
Power Module with HyperLight
Load®, 3.3V Fixed Output Voltage,
–40°C to +125°C Junction
Temperature Range, Pb-Free,
RoHS Compliant, 12-Lead HDFN
Package, 5000/Reel
d) MIC33030-AYHL-T5:
4 MHz Internal Inductor PWM Buck
Power Module with HyperLight
Load®, Adjustable Output Voltage,
–40°C to +125°C Junction
Temperature Range, Pb-Free,
RoHS Compliant, 12-Lead HDFN
Package, 500/Reel
e) MIC33030-AYHL-TR:
4 MHz Internal Inductor PWM Buck
Power Module with HyperLight
Load®, Adjustable Output Voltage,
–40°C to +125°C Junction
Temperature Range, Pb-Free,
RoHS Compliant, 12-Lead HDFN
Package, 5000/Reel
PART NO.
XX
Package
Device
Device:
MIC33050: 4 MHz Internal Inductor PWM Buck Power
Module with HyperLight Load
Output Voltage:
C = 1.0V
4 = 1.2V
G = 1.8V
S = 3.3V
A = Adjustable
Junction
Temperature Range: Y
=
–40°C to +125°C (Pb-Free, RoHS Compliant)
Package:
HL =
12-Lead 3 mm x 3 mm x 0.9 mm HDFN
Media Type:
T5
= 500/Reel
TR
= 5000/Reel
X
Junction
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
–XX
Media Type
-X
Output
Voltage Temperature
Range
Option
Note: Other output voltage options are available. Contact Factory for
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com