Electronic Components Datasheet Search
  English  ▼

X  

MIC33050 Datasheet(PDF) 17 Page - Microchip Technology

Part # MIC33050
Description  4 MHz Internal Inductor PWM Buck Power Module with HyperLight Load짰
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33050 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MIC33050 Datasheet HTML 13Page - Microchip Technology MIC33050 Datasheet HTML 14Page - Microchip Technology MIC33050 Datasheet HTML 15Page - Microchip Technology MIC33050 Datasheet HTML 16Page - Microchip Technology MIC33050 Datasheet HTML 17Page - Microchip Technology MIC33050 Datasheet HTML 18Page - Microchip Technology MIC33050 Datasheet HTML 19Page - Microchip Technology MIC33050 Datasheet HTML 20Page - Microchip Technology MIC33050 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
2018 - 2022 Microchip Technology Inc.
DS20006120B-page 17
MIC33050
APPENDIX A: REVISION HISTORY
Revision A (November 2018)
• Converted Micrel document MIC33050 to Micro-
chip data sheet DS20006120B.
• Minor text changes throughout.
• Deleted bullet: Up to 8 MHz PWM Operation in
Continuous Mode from the Features, Updated
Applications, removed the word patent-pending
from General Description, Revised Figure 2-6 and
Figure 2-8.
Revision B (March 2022)
• Corrected package marking drawings and added
note below legend in Section 6.1, Package Mark-
ing Information.
• Minor formatting corrections throughout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com