Electronic Components Datasheet Search
  English  ▼

X  

MIC33050 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC33050
Description  4 MHz Internal Inductor PWM Buck Power Module with HyperLight Load짰
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33050 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC33050 Datasheet HTML 7Page - Microchip Technology MIC33050 Datasheet HTML 8Page - Microchip Technology MIC33050 Datasheet HTML 9Page - Microchip Technology MIC33050 Datasheet HTML 10Page - Microchip Technology MIC33050 Datasheet HTML 11Page - Microchip Technology MIC33050 Datasheet HTML 12Page - Microchip Technology MIC33050 Datasheet HTML 13Page - Microchip Technology MIC33050 Datasheet HTML 14Page - Microchip Technology MIC33050 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
2018 - 2022 Microchip Technology Inc.
DS20006120B-page 11
MIC33050
4.0
FUNCTIONAL DESCRIPTION
4.1
VIN
VIN provides power to the MOSFETs for the switch
mode regulator section and to the analog supply
circuitry. Due to the high switching speeds, it is
recommended that a 2.2 µF or greater capacitor be
placed close to VIN and the power ground (PGND) pin
for bypassing.
4.2
EN
The enable pin, EN, controls the on and off state of the
device. A high logic on the enable pin activates the
regulator while a low logic deactivates it. MIC33050
features built-in soft-start circuitry that reduces in-rush
current and prevents the output voltage from
overshooting at start-up. Do not leave floating.
4.3
SW
The pins at the switch node, SW, are connected directly
to the internal inductor. Due to the high-speed
switching on this pin, the switch node should be routed
away from sensitive nodes such as the CFF and FB
pins.
4.4
OUT
The OUT pin is for the output voltage following the
internal inductor of the device. Connect an output filter
capacitor equal to 2.2 µF or greater to this pin.
4.5
SNS
The sense pin, SNS, is needed to sense the output
voltage at the output filter capacitor. In order for the
control loop to monitor the output voltage accurately it
is good practice to sense the output voltage at the
positive side of the output filter capacitor where voltage
ripple is smallest.
4.6
CFF
The CFF pin is connected to the SNS pin of MIC33050
with a feed-forward capacitor of 560 pF. The CFF pin
itself is compared with the internal reference voltage
(VREF) of the device and provides the control path to
control the output. VREF is equal to 400 mV. The CFF
pin is sensitive to noise and should be place away from
the SW pin.
4.7
FB
The feedback pin is provided for the adjustable output
version. An external resistor divider network is
connected from the output and is compared to the
internal 400 mV internal reference voltage within the
control loop.
The output voltage, of the circuit in Figure 4-1, may be
calculated via the equation below:
EQUATION 4-1:
FIGURE 4-1:
MIC33050-AYHL
Application Schematic.
4.8
PGND
Power ground (PGND) is the ground path for high
current. The current loop for the power ground should
be as small as possible and separate from the analog
ground (AGND) loop.
4.9
AGND
Signal ground (AGND) is the ground path for the
biasing and control circuitry. The current loop for the
signal ground should be separate from the PGND loop.
VOUT 0.4V 1 R1
R2
-------
+
=
R1
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com