Electronic Components Datasheet Search
  English  ▼

X  

MIC33050 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC33050
Description  4 MHz Internal Inductor PWM Buck Power Module with HyperLight Load짰
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33050 Datasheet(HTML) 1 Page - Microchip Technology

  MIC33050 Datasheet HTML 1Page - Microchip Technology MIC33050 Datasheet HTML 2Page - Microchip Technology MIC33050 Datasheet HTML 3Page - Microchip Technology MIC33050 Datasheet HTML 4Page - Microchip Technology MIC33050 Datasheet HTML 5Page - Microchip Technology MIC33050 Datasheet HTML 6Page - Microchip Technology MIC33050 Datasheet HTML 7Page - Microchip Technology MIC33050 Datasheet HTML 8Page - Microchip Technology MIC33050 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2018 - 2022 Microchip Technology Inc.
DS20006120B-page 1
MIC33050
Features
• Input Voltage: 2.7V to 5.5V
• 600 mA Output Current
• Fixed and Adjustable Output Voltage Options
• No External Inductor Required
• Ultra-Fast Transient Response
• 20 µA Quiescent Current
• 4 MHz Switching in PWM Mode
• Low Output Voltage Ripple
• >93% Peak Efficiency
• >85% Efficiency at 1 mA
• Micropower Shutdown
• 12-Pin 3 mm x 3 mm HDFN
• –40°C to +125°C Junction Temperature Range
Applications
• MPU Power
• Portable Instrumentation
• Wearable Devices
• Space-Constrained MCU Systems
• RF Modules
• USB-Powered Devices
General Description
The MIC33050 is a high-efficiency 600 mA PWM
synchronous buck (step-down) regulator with internal
inductor featuring HyperLight Load®, a switching
scheme that offers best-in-class light load efficiency
and transient performance while providing very small
external components and low output ripple at all loads.
The MIC33050 also has a very low typical quiescent
current of 20 µA and can achieve over 85% efficiency
even at 1 mA.
In contrast to traditional light load schemes, the
HyperLight Load® architecture does not trade off
control speed to obtain low standby currents and in
doing so, the device only needs a small output
capacitor to absorb the load transient as the powered
device goes from light load to full load.
At higher loads, the MIC33050 provides a nearly
constant switching frequency of greater than 4 MHz
while providing peak efficiencies greater than 93%.
The MIC33050 is available in fixed and adjustable
output voltages and comes in a 12-pin 3 mm x 3 mm
HDFN with a operating junction temperature range of
–40°C to +125°C.
Package Types
12-Pin 3 mm x 3 mm HDFN
Adjustable (Top View)
12-Pin 3 mm x 3 mm HDFN
Fixed (Top View)
4 MHz Internal Inductor PWM Buck Power Module with
HyperLight Load®


Similar Part No. - MIC33050

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC33050 MICREL-MIC33050 Datasheet
586Kb / 13P
4MHz Internal Inductor PWM Buck Regulator with HyperLight Load?
MIC33050-4YHL MICREL-MIC33050-4YHL Datasheet
586Kb / 13P
4MHz Internal Inductor PWM Buck Regulator with HyperLight Load?
MIC33050-4YHL MICREL-MIC33050-4YHL Datasheet
632Kb / 13P
4MHz Internal Inductor PWM Buck Regulator with HyperLight Load
MIC33050-4YHL MICREL-MIC33050-4YHL Datasheet
743Kb / 16P
4MHz Internal Inductor PWM Buck Regulator with HyperLight Load짰
MIC33050-4YHL MICREL-MIC33050-4YHL Datasheet
743Kb / 16P
4MHz Internal Inductor PWM Buck Regulator with HyperLight Load
More results

Similar Description - MIC33050

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC33050 MICREL-MIC33050 Datasheet
586Kb / 13P
4MHz Internal Inductor PWM Buck Regulator with HyperLight Load?
MIC33050 MICREL-MIC33050_09 Datasheet
632Kb / 13P
4MHz Internal Inductor PWM Buck Regulator with HyperLight Load
MIC33153 MICREL-MIC33153 Datasheet
950Kb / 17P
4MHz PWM 1.2A Internal Inductor Buck Regulator with HyperLight Load and Power Good
MIC23450 MICREL-MIC23450 Datasheet
1Mb / 22P
3MHz, PWM, 2A Triple Buck Regulator with HyperLight Load짰 and Power Good
MIC33050 MICREL-MIC33050_12 Datasheet
743Kb / 16P
4MHz Internal Inductor PWM Buck Regulator with HyperLight Load짰
MIC33050_1205 MICREL-MIC33050_1205 Datasheet
743Kb / 16P
4MHz Internal Inductor PWM Buck Regulator with HyperLight Load
MIC23155 MICREL-MIC23155_12 Datasheet
1,000Kb / 19P
3MHz PWM 2A Buck Regulator with HyperLight Load짰 and Power Good
logo
Microchip Technology
MIC33030 MICROCHIP-MIC33030 Datasheet
3Mb / 24P
8 MHz 400 mA Internal Inductor Buck Regulator with HyperLight Load짰
09/14/21
MIC23153 MICROCHIP-MIC23153 Datasheet
3Mb / 26P
4 MHz PWM 2A Buck Regulator with HyperLight Load짰 and Power Good
09/14/21
MIC33153 MICROCHIP-MIC33153 Datasheet
3Mb / 28P
4 MHz 1.2A Internal Inductor PWM Buck Regulator with HyperLight Load짰 and Power Good
Rev. B. April 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com