Electronic Components Datasheet Search
  English  ▼

X  

MIC33050 Datasheet(PDF) 6 Page - Microchip Technology

Part # MIC33050
Description  4 MHz Internal Inductor PWM Buck Power Module with HyperLight Load짰
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33050 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MIC33050 Datasheet HTML 2Page - Microchip Technology MIC33050 Datasheet HTML 3Page - Microchip Technology MIC33050 Datasheet HTML 4Page - Microchip Technology MIC33050 Datasheet HTML 5Page - Microchip Technology MIC33050 Datasheet HTML 6Page - Microchip Technology MIC33050 Datasheet HTML 7Page - Microchip Technology MIC33050 Datasheet HTML 8Page - Microchip Technology MIC33050 Datasheet HTML 9Page - Microchip Technology MIC33050 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
MIC33050
DS20006120B-page 6
2018 - 2022 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
Efficiency (VOUT = 3.3V).
FIGURE 2-2:
Efficiency (VOUT = 1.8V).
FIGURE 2-3:
Efficiency (VOUT = 1.2V).
FIGURE 2-4:
Efficiency (VOUT = 1.0V).
FIGURE 2-5:
Quiescent Current vs.
Temperature.
FIGURE 2-6:
Quiescent Current vs. Input
Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
50
60
70
80
90
100
1
10
100
1000
OUTPUT CURRENT (mA)
V
IN
= 5.0V
V
IN
= 4.2V
V
IN
= 5.5V
50
60
70
80
90
100
1
10
100
1000
OUTPUT CURRENT (mA)
V
IN
= 4.2V
V
IN
= 3.6V
V
IN
= 3.0V
50
60
70
80
90
100
1
10
100
1000
OUTPUT CURRENT (mA)
V
IN
= 2.7V
V
IN
= 3.6V
V
IN
= 4.2V
50
60
70
80
90
100
1
10
100
1000
OUTPUT CURRENT (mA)
V
IN
= 2.7V
V
IN
= 3.6V
V
IN
= 4.2V
L = 1uH
0
10
20
30
40
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VIN = 3.6V
VOUT = 1.8V
0
5
10
15
20
25
30
35
40
45
50
2.7
3.2
3.7
4.2
4.7
5.2
INPUT VOLTAGE (V)
VOUT = 1.8V
No Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com