Electronic Components Datasheet Search
  English  ▼

X  

MIC33050 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC33050
Description  4 MHz Internal Inductor PWM Buck Power Module with HyperLight Load짰
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33050 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC33050 Datasheet HTML 3Page - Microchip Technology MIC33050 Datasheet HTML 4Page - Microchip Technology MIC33050 Datasheet HTML 5Page - Microchip Technology MIC33050 Datasheet HTML 6Page - Microchip Technology MIC33050 Datasheet HTML 7Page - Microchip Technology MIC33050 Datasheet HTML 8Page - Microchip Technology MIC33050 Datasheet HTML 9Page - Microchip Technology MIC33050 Datasheet HTML 10Page - Microchip Technology MIC33050 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
2018 - 2022 Microchip Technology Inc.
DS20006120B-page 7
MIC33050
FIGURE 2-7:
Switching Frequency vs.
Temperature.
FIGURE 2-8:
Switching Frequency vs.
Input Voltage.
FIGURE 2-9:
Feedback Voltage vs.
Temperature.
FIGURE 2-10:
Output Voltage vs.
Temperature.
FIGURE 2-11:
Output Voltage vs. Input
Voltage.
FIGURE 2-12:
Output Voltage vs. Output
Current.
2.5
3
3.5
4
4.5
5
5.5
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VIN = 3.6V
VOUT = 1.8V
Load = 150mA
2.50
3.00
3.50
4.00
4.50
5.00
5.50
2.70
3.20
3.70
4.20
4.70
5.20
INPUT VOLTAGE (V)
VOUT = 1.8V
Load = 150mA
0.3
0.32
0.34
0.36
0.38
0.4
0.42
0.44
0.46
0.48
0.5
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VIN = 3.6V
VOUT = 1.8V
No Load
1.7
1.75
1.8
1.85
1.9
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VIN = 3.6V
VOUT = 1.8V
No Load
1.7
1.75
1.8
1.85
1.9
2.7
3.2
3.7
4.2
4.7
5.2
INPUT VOLTAGE (V)
Load = 20mA
1.70
1.75
1.80
1.85
1.90
0
100 200 300 400 500 600
OUTPUT CURRENT (mA)
VIN = 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com