Electronic Components Datasheet Search
  English  ▼

X  

MAX1920 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1920
Description  Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1920 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1920 Datasheet HTML 2Page - Maxim Integrated Products MAX1920 Datasheet HTML 3Page - Maxim Integrated Products MAX1920 Datasheet HTML 4Page - Maxim Integrated Products MAX1920 Datasheet HTML 5Page - Maxim Integrated Products MAX1920 Datasheet HTML 6Page - Maxim Integrated Products MAX1920 Datasheet HTML 7Page - Maxim Integrated Products MAX1920 Datasheet HTML 8Page - Maxim Integrated Products MAX1920 Datasheet HTML 9Page - Maxim Integrated Products MAX1920 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Design Procedure
The MAX1920/MAX1921 are optimized for small external
components and fast transient response. There are sev-
eral application circuits (Figures 1 through 4) to allow the
choice between ceramic or tantalum output capacitor and
internally or externally set output voltages. The use of a
small ceramic output capacitor is preferred for higher reli-
ability, improved voltage-positioning transient response,
reduced output ripple, and the smaller size and greater
availability of ceramic versus tantalum capacitors.
Voltage Positioning
Figures 1 and 2 are the application circuits that utilize
small ceramic output capacitors. For stability, the circuit
obtains feedback from the LX node through R1, while
load transients are fed-forward through CFF. Because
there is no D.C. feedback from the output, the output
voltage exhibits load regulation that is equal to the output
load current multiplied by the inductor’s series resistance.
This small amount of load regulation is similar to voltage
positioning as used by high-powered microprocessor sup-
plies intended for personal computers. For the MAX1920/
MAX1921, voltage positioning eliminates or greatly reduc-
es undershoot and overshoot during load transients (see
the Typical Operating Characteristics), which effectively
halves the peak-to-peak output voltage excursions com-
pared to traditional step-down converters.
For convenience, Table 1 lists the recommended external
component values for use with the MAX1921 application
circuit of Figure 1 with various input and output voltages.
Induction Selection
In order to calculate the smallest inductor, several calcula-
tions are needed. First, calculate the maximum duty cycle
of the application as:
OUT
IN
V
DutyCycle(MAX )
100%
V (MIN)
=
×
Second, calculate the critical voltage across the inductor as:
if DutyCycle(MAX) < 50%,
then VCRITICAL = (VIN(MIN) - VOUT),
else VCRITICAL = VOUT
Last, calculate the minimum inductor value as:
L(MIN) = 2.5 ×10-6 × VCRITICAL
Select the next standard value larger than L(MIN). The
L(MIN) calculation already includes a margin for inductance
tolerance. Although values much larger than L(MIN) work,
transient performance, efficiency, and inductor size suffer.
A 550mA rated inductor is enough to prevent saturation
for output currents up to 400mA. Saturation occurs when
the inductor’s magnetic flux density reaches the maximum
level the core can support and inductance falls. Choose a
low DC-resistance inductor to improve efficiency. Tables 2
and 3 list some suggested inductors and suppliers.
Table 1. MAX1921 Suggested
Components for Figure 1
Table 2. Suggested Inductors
OUTPUT
INPUT SOURCE
5V
3.3V, 1 Li+,
3 x AA
2.5V, 2 x AA
3.3V
3.0V
L = 10µH, COUT = 10µF,
R1 = 8.25kΩ, CFF = 3300pF
N/A
2.5V
L = 6.8µH, COUT = 6.8µF,
R1 = 5.62kΩ, CFF = 4700pF
1.8V
1.5V
L = 10µH,
COUT = 10µF,
R1 = 8.25kΩ,
CFF = 3300pF
L = 4.7µH, COUT = 4.7µF,
R1 = 4.75kΩ, CFF = 5600pF
PART
NUMBER
L
(μH)
RL
(ohms max)
Isat
(A)
SIZE
Coilcraft
LPO1704
4.7
0.200
1.10
6.6 x 5.5 x 1.0
= 36.3mm3
6.8
0.320
0.90
10
0.410
0.80
Sumida
CDRH3D16
4.7
0.080
0.90
3.8 x 3.8 x 1.8
= 26.0mm3
6.8
0.095
0.73
10
0.160
0.55
Sumida
CDRH2D18
4.7
0.081
0.63
3.2 x 3.2 x 2.0
= 20.5mm3
6.8
0.108
0.57
Toko
D312F
4.7
0.38
0.74
3.6 x 3.6 x 1.2
= 15.6mm3
10
0.79
0.50
Toko
D412F
4.7
0.230
0.84
4.6 x 4.6 x 1.2
= 25.4mm3
10
0.490
0.55
Toko
D52LC
4.7
0.087
1.14
5.0 x 5.0 x 2.0
= 50.0mm3
6.8
0.105
0.95
10
0.150
0.76
MAX1920/MAX1921
Low-Voltage, 400mA Step-Down
DC-DC Converters in SOT23
www.maximintegrated.com
Maxim Integrated │ 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com