Electronic Components Datasheet Search
  English  ▼

X  

MAX1920 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1920
Description  Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1920 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1920 Datasheet HTML 1Page - Maxim Integrated Products MAX1920 Datasheet HTML 2Page - Maxim Integrated Products MAX1920 Datasheet HTML 3Page - Maxim Integrated Products MAX1920 Datasheet HTML 4Page - Maxim Integrated Products MAX1920 Datasheet HTML 5Page - Maxim Integrated Products MAX1920 Datasheet HTML 6Page - Maxim Integrated Products MAX1920 Datasheet HTML 7Page - Maxim Integrated Products MAX1920 Datasheet HTML 8Page - Maxim Integrated Products MAX1920 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IN, FB, SHDN to AGND...........................................-0.3V to +6V
OUT to AGND, LX to PGND.........................-0.3V to (IN + 0.3V)
AGND to PGND....................................................-0.3V to +0.3V
OUT Short Circuit to GND..................................................... 10s
Continuous Power Dissipation (TA = +70°C)
6-Pin SOT23-6 (derate 8.7mW/°C above +70°C) .......695mW
6-Pin TDFN (derate 18.2mW/°C above +70°C) .....1454.5mW
Operating Temperature Range........................... -40°C to +85°C
Junction Temperature......................................................+150°C
Storage Temperature........................................ -65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
(VIN = 3.6V, SHDN = IN, TA = 0°C to +85°C. Typical parameters are at TA = +25°C, unless otherwise noted.) (Note 1)
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Electrical Characteristics
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
I(LX) < 400mA
2.5
5.5
V
I(LX) < 200mA
(MAX1921EUT15, MAX1921EUT18)
2.0
2.5
Startup Voltage
2.0
V
UVLO Threshold
UVLO
VIN rising
1.85
1.95
V
VIN falling
1.50
1.65
UVLO Hysteresis
200
mV
Quiescent Supply Current
IIN
No switching, no load
50
70
µA
Quiescent Supply Current Dropout
IIN
SHDN = IN, OUT/FB = 0
220
300
µA
Shutdown Supply Current
ISHDN
SHDN = GND
0.1
4.0
µA
Output Voltage Accuracy
(MAX1921)
IOUT = 0, TA = +25°C
-1.5
+1.5
%
IOUT = 0 to 400mA, TA = -40°C to +85°C
-3
+3
IOUT = 0 to 200mA, TA = -40°C to +85°C
-3
+3
OUT BIAS Current
IOUT
SHDN = 0
1
µA
OUT at regulation voltage
8
16
Output Voltage Range
(MAX1920)
Figure 4, IN = 4.5V
1.25
4.00
V
FB Feedback Threshold
(MAX1920)
VFB
TA = +25°C
1.231
1.25
1.269
V
1.220
1.25
1.280
TA = -40°C to +85°C
1.210
1.280
FB Feedback Hysteresis
(MAX1920)
VHYS
5
mV
FB Bias Current (MAX1920)
IFB
FB = 1.5V
0.01
0.20
µA
Load Regulation
IOUT = 0 to 400mA
0.005
%/mA
Line Regulation
VIN = 2.5V to 5.5V
0.2
%/V
SHDN Input Voltage High
VIH
1.6
V
SHDN Input Voltage Low
VIL
0.4
V
SHDN Leakage Current
ISHDN
SHDN = GND or IN
0.001
1.000
µA
High-Side Current Limit
ILIMP
525
730
950
mA
MAX1920/MAX1921
Low-Voltage, 400mA Step-Down
DC-DC Converters in SOT23
www.maximintegrated.com
Maxim Integrated │ 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com