Electronic Components Datasheet Search
  English  ▼

X  

MAX1920 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1920
Description  Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1920 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1920 Datasheet HTML 1Page - Maxim Integrated Products MAX1920 Datasheet HTML 2Page - Maxim Integrated Products MAX1920 Datasheet HTML 3Page - Maxim Integrated Products MAX1920 Datasheet HTML 4Page - Maxim Integrated Products MAX1920 Datasheet HTML 5Page - Maxim Integrated Products MAX1920 Datasheet HTML 6Page - Maxim Integrated Products MAX1920 Datasheet HTML 7Page - Maxim Integrated Products MAX1920 Datasheet HTML 8Page - Maxim Integrated Products MAX1920 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
(CIN = 2.2μF ceramic, Circuit of Figure 1, components of Table 1, unless otherwise noted.)
Typical Operating Characteristics (continued)
MEDIUM-LOAD
LINE-TRANSIENT RESPONSE
MAX1920 toc13
VIN
AC-COUPLED
200mV/div
VOUT
AC-COUPLED
5mV/div
4µs/div
VIN = 3.8V to 4.2V,
VOUT = 1.5V, ILOAD = 250mA
LIGHT-LOAD SWITCHING WAVEFORM
MAX1920 toc10
VOUT
AC-COUPLED
5mV/div
VLX
2V/div
1µs/div
VIN = 3.3V, VOUT = 1.5V,
ILOAD = 40mA
10,000
1
0.1
1
100
1000
SWITCHING FREQUENCY vs. LOAD
(VOUT = 1.8V)
10
100
1000
LOAD (mA)
10
VIN = 3.3
LOAD-TRANSIENT RESPONSE
MAX1920 toc15
VOUT
AC-COUPLED
100mV/div
ILOAD
200mA/div
IL
200mA/div
40µs/div
VIN = 3.3V, VOUT = 1.5V,
ILOAD = 20mA TO 320mA
SOFT-START AND SHUTDOWN RESPONSE
MAX1920 toc12
VOUT
1V/div
IIN
100mA/div
VSHDN
5V/div
200µs/div
VIN = 3.3V, VOUT = 1.5V,
RLOAD = 6Ω
NO LOAD SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
10
100
1000
10,000
1
1.5
5.5
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.5V
MEDIUM-LOAD SWITCHING WAVEFORM
MAX1920 toc11
VOUT
AC-COUPLED
5mV/div
VLX
2V/div
1µs/div
VIN = 3.3V, VOUT = 1.5V,
ILOAD = 250mA
10,000
1
0.1
1
100
1000
SWITCHING FREQUENCY vs. LOAD
(VOUT = 1.5V)
10
100
1000
LOAD (mA)
10
VIN = 3.3
LIGHT-LOAD
LINE-TRANSIENT RESPONSE
MAX1920 toc14
VIN
AC-COUPLED
200mV/div
VOUT
AC-COUPLED
5mV/div
4µs/div
VIN = 3.8V to 4.2V,
VOUT = 1.5V, ILOAD = 20mA
MAX1920/MAX1921
Low-Voltage, 400mA Step-Down
DC-DC Converters in SOT23
Maxim Integrated │ 4
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com