Electronic Components Datasheet Search
  English  ▼

X  

MAX1920 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1920
Description  Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1920 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1920 Datasheet HTML 1Page - Maxim Integrated Products MAX1920 Datasheet HTML 2Page - Maxim Integrated Products MAX1920 Datasheet HTML 3Page - Maxim Integrated Products MAX1920 Datasheet HTML 4Page - Maxim Integrated Products MAX1920 Datasheet HTML 5Page - Maxim Integrated Products MAX1920 Datasheet HTML 6Page - Maxim Integrated Products MAX1920 Datasheet HTML 7Page - Maxim Integrated Products MAX1920 Datasheet HTML 8Page - Maxim Integrated Products MAX1920 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX1920/MAX1921 step-down converters deliver
over 400mA to outputs as low as 1.25V. These converters
use a unique proprietary current-limited control scheme
that achieves over 90% efficiency. These devices maintain
extremely low quiescent supply current (50μA), and their
high 1.2MHz (max) operating frequency permits small,
low-cost external components. This combination makes
the MAX1920/MAX1921 excellent high-efficiency alterna-
tives to linear regulators in space-constrained applications.
Internal synchronous rectification greatly improves effi-
ciency and eliminates the external Schottky diode required
in conventional step-down converters. Both devices also
include internal digital soft-start to limit input current upon
startup and reduce input capacitor requirements.
The MAX1920 provides an adjustable output voltage
(1.25V to 4V). The MAX1921 provides factory-preset
output voltages (see the Selector Guide). Both are
available in space-saving 6-pin SOT23 packages. The
MAX1920 is also available in a 6-pin TDFN package.
Applications
● Next-Generation Wireless Handsets
● PDAs, Palmtops, and Handy-Terminals
● Battery-Powered Equipment
● CDMA Power Amplifier Supply
Features
● 400mA Guaranteed Output Current
● Internal Synchronous Rectifier for > 90% Efficiency
● Tiny 6-Pin SOT23 Package
● Available in 6-Pin TDFN Package (MAX1920)
● Up to 1.2MHz Switching Frequency for Small
External Components
● 50μA Quiescent Supply Current
● 0.1μA Logic-Controlled Shutdown
● 2V to 5.5V Input Range
● Fixed 1.5V, 1.8V, 2.5V, 3V, and 3.3V Output
Voltages (MAX1921)
● Adjustable Output Voltage (MAX1920)
● ±1.5% Initial Accuracy
● Soft-Start Limits Startup Current
19-2296; Rev 3; 8/05
Note: The MAX1921 offers five preset output voltage options.
See the Selector Guide, and then insert the proper designator
into the blanks above to complete the part number.
+Denotes a lead-free package.
Ordering Information
MAX1921
IN
AGND
SHDN
LX
PGND
OUT
OFF
ON
4.75kΩ
4.7µF
4.7µH
5600pF
OUTPUT
1.5V UP TO 400mA
INPUT
2V TO 5.5V
CIN
AGND
OUT (FB)
SHDN
1
6 LX
5 PGND
IN
MAX1920
MAX1921
MAX1920
SOT23-6
TOP VIEW
2
3
4
( ) ARE FOR MAX1920 ONLY
A "+" SIGN WILL REPLACE THE FIRST PIN INDICATOR ON LEAD-FREE PACKAGES.
1
2
3
6
5
4
TDFN
•
•
Typical Operating Circuit
Pin Configuration
PART
TEMP RANGE
PIN-PACKAGE
MAX1920EUT-T
-40°C to +85°C
6 SOT23-6
MAX1920EUT+T
-40°C to +85°C
6 SOT23-6
MAX1920ETT-T
-40°C to +85°C
6 TDFN
MAX1920ETT+T
-40°C to +85°C
6 TDFN
MAX1921EUT_ _-T
-40°C to +85°C
6 SOT23-6
MAX1921EUT_ _+T
-40°C to +85°C
6 SOT23-6
MAX1920/MAX1921
Low-Voltage, 400mA Step-Down
DC-DC Converters in SOT23


Similar Part No. - MAX1920

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1920 MAXIM-MAX1920 Datasheet
370Kb / 9P
Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
Rev 1; 7/02
MAX1920 MAXIM-MAX1920 Datasheet
93Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A April 30, 2003
MAX1920 MAXIM-MAX1920 Datasheet
95Kb / 4P
fully assembled and tested Evaluation Kit
Rev 0; 03/02
MAX1920ETT MAXIM-MAX1920ETT Datasheet
803Kb / 11P
Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
Rev 3; 8/05
MAX1920EUT MAXIM-MAX1920EUT Datasheet
803Kb / 11P
Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
Rev 3; 8/05
More results

Similar Description - MAX1920

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1733 MAXIM-MAX1733 Datasheet
265Kb / 8P
Low-Voltage, Step-Down DC-DC Converters in SOT23
19-1586; Rev 0; 7/00
MAX1920 MAXIM-MAX1920 Datasheet
370Kb / 9P
Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
Rev 1; 7/02
logo
Linear Technology
LTC3523 LINER-LTC3523 Datasheet
252Kb / 16P
Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
logo
Torex Semiconductor
XCL208 TOREX-XCL208 Datasheet
824Kb / 22P
400mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
logo
Maxim Integrated Produc...
MAX1921EUT25-T MAXIM-MAX1921EUT25-T Datasheet
803Kb / 11P
Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
Rev 3; 8/05
logo
Skyworks Solutions Inc.
AAT1130 SKYWORKS-AAT1130 Datasheet
2Mb / 18P
2.5MHz 400mA Step-Down DC/DC Converter
logo
Torex Semiconductor
XC9244 TOREX-XC9244 Datasheet
585Kb / 24P
400mA Synchronous Step-Down DC/DC Converters
logo
Linear Technology
LTC3523 LINER-LTC3523_15 Datasheet
263Kb / 16P
Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
LTC3523-2 LINER-LTC3523-2_15 Datasheet
263Kb / 16P
Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
logo
Maxim Integrated Produc...
MAX20021 MAXIM-MAX20021_V01 Datasheet
947Kb / 16P
Automotive Quad, Low-Voltage Step-Down DC-DC Converters
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com