Electronic Components Datasheet Search
  English  ▼

X  

MAX1920 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1920
Description  Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1920 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1920 Datasheet HTML 1Page - Maxim Integrated Products MAX1920 Datasheet HTML 2Page - Maxim Integrated Products MAX1920 Datasheet HTML 3Page - Maxim Integrated Products MAX1920 Datasheet HTML 4Page - Maxim Integrated Products MAX1920 Datasheet HTML 5Page - Maxim Integrated Products MAX1920 Datasheet HTML 6Page - Maxim Integrated Products MAX1920 Datasheet HTML 7Page - Maxim Integrated Products MAX1920 Datasheet HTML 8Page - Maxim Integrated Products MAX1920 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Detailed Description
The MAX1920/MAX1921 step-down DC-DC converters
deliver over 400mA to outputs as low as 1.25V. They use
a unique proprietary current-limited control scheme that
maintains extremely low quiescent supply current (50μA),
and their high 1.2MHz (max) operating frequency permits
small, low-cost external components.
Control Scheme
The MAX1920/MAX1921 use a proprietary, current-limited
control scheme to ensure high-efficiency, fast transient
response, and physically small external components. This
control scheme is simple: when the output voltage is out of
regulation, the error comparator begins a switching cycle
by turning on the high-side switch. This switch remains
on until the minimum on-time of 400ns expires and the
output voltage regulates or the current-limit threshold is
exceeded. Once off, the high-side switch remains off until
the minimum off-time of 400ns expires and the output
voltage falls out of regulation. During this period, the low-
side synchronous rectifier turns on and remains on until
either the high-side switch turns on again or the inductor
current approaches zero. The internal synchronous recti-
fier eliminates the need for an external Schottky diode.
This control scheme allows the MAX1920/MAX1921 to
provide excellent performance throughout the entire load-
current range. When delivering light loads, the high-side
switch turns off after the minimum on-time to reduce
peak inductor current, resulting in increased efficiency
and reduced output voltage ripple. When delivering medi-
um and higher output currents, the MAX1920/MAX1921
extend either the on-time or the off-time, as necessary to
maintain regulation, resulting in nearly constant frequency
operation with high-efficiency and low-output voltage ripple.
Shutdown Mode
Connecting SHDN to GND places the MAX1920/
MAX1921 in shutdown mode and reduces supply cur-
rent to 0.1μA. In shutdown, the control circuitry, internal
switching MOSFET, and synchronous rectifier turn off and
LX becomes high impedance. Connect SHDN to IN for
normal operation.
Soft-Start
The MAX1920/MAX1921 have internal soft-start circuitry
that limits current draw at startup, reducing transients on
the input source. Soft-start is particularly useful for higher
impedance input sources, such as Li+ and alkaline cells.
Soft-start is implemented by starting with the current limit
at 25% of its full current value and gradually increas-
ing it in 25% steps until the full current limit is reached.
See Soft-Start and Shutdown Response in the Typical
Operating Characteristics.
*MAX1920 only.
Figure 1. Typical Output Application Circuit (MAX1921)
Pin Description
PIN
NAME
FUNCTION
SOT
TDFN*
1
2
IN
Supply voltage input for MAX1921EUT15 and MAX1921EUT18 is 2V to 5.5V. Supply voltage
input for MAX1920 and other voltage versions of MAX1921 is 2.5V to 5.5V. Bypass IN to GND
with a 2.2µF ceramic capacitor as close as possible to IN.
2
6
AGND
Analog Ground. Connect to PGND.
3
1
SHDN
Active-Low Shutdown Input. Connect SHDN to IN for normal operation. In shutdown, LX
becomes high-impedance and quiescent current drops to 0.1µA.
4
—
OUT
MAX1921 Voltage Sense Input. OUT is connected to an internal voltage-divider.
4
5
FB
MAX1920 Voltage Feedback Input. FB regulates to 1.25V nominal. Connect FB to an external
resistive voltage-divider between the output voltage and GND.
5
3
PGND
Power Ground. Connect to AGND.
6
4
LX
Inductor Connection
MAX1921
IN
AGND
SHDN
LX
PGND
OUT
OFF
ON
R1
COUT
L
CFF
OUTPUT
UP TO 400mA
INPUT
2V TO 5.5V
CIN
1
2
3
4
5
6
MAX1920/MAX1921
Low-Voltage, 400mA Step-Down
DC-DC Converters in SOT23
www.maximintegrated.com
Maxim Integrated │ 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com