Electronic Components Datasheet Search
  English  ▼

X  

MAX1920 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1920
Description  Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1920 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1920 Datasheet HTML 4Page - Maxim Integrated Products MAX1920 Datasheet HTML 5Page - Maxim Integrated Products MAX1920 Datasheet HTML 6Page - Maxim Integrated Products MAX1920 Datasheet HTML 7Page - Maxim Integrated Products MAX1920 Datasheet HTML 8Page - Maxim Integrated Products MAX1920 Datasheet HTML 9Page - Maxim Integrated Products MAX1920 Datasheet HTML 10Page - Maxim Integrated Products MAX1920 Datasheet HTML 11Page - Maxim Integrated Products MAX1920 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MAX1921 Using Ceramic COUT
When using the application circuit of Figure 1, the induc-
tor’s series resistance causes a small amount of load
regulation, as desired for a voltage-positioning load tran-
sient response. Choose R1 such that VOUT is high at no
load by about half of this load regulation. The simplified
calculation is:
R1 = 5 x 104 x RL(MAX)
where RL(MAX) is the maximum series resistance of the
inductor. Select a standard resistor value that is within
20% of this calculation.
Next, calculate CFF for 25mV ripple at the internal feed-
back node. The simplified calculation is:
CFF = 2.5 × 10-5/R1
where R1 is the standard resistor value that is used.
Select a standard capacitor value that is within 20% of
the calculated CFF.
MAX1920 Using Ceramic COUT
When using the application circuit of Figure 2, the induc-
tor’s series resistance causes a small amount of load reg-
ulation, as desired for a voltage-positioning load transient
response. Choose R1 and R2 such that VOUT is high at
no load by about half of this load regulation:
OUT
L
OUT
REF
V
R
I
(MAX ) / 2
R1 R 2
1
V
+
×

=
×−



where R2 is chosen in the 50kΩ to 500kΩ range, VREF
= 1.25V and RL is the typical series resistance of the
inductor. Use 1% or better resistors.
Next, calculate the equivalent resistance at the FB node as:
R1 R 2
Req R1|| R 2
R1 R 2
×
=
=
+
Then, calculate CFF for 25mV ripple at FB. The simplified
calculation is:
CFF = 2.5 × 10-5/Req
Select a standard capacitor value that is within 20% of the
calculated CFF.
MAX1920 Using Tantalum COUT
When using the application circuit of Figure 4, choose R1
and R2 such as to obtain the desired VOUT:
OUT
REF
V
R1 R 2
1
V
=
×−
where R2 is chosen to be less than 50kΩ and VREF =
1.25V. Use 1% or better resistors.
Layout Considerations
High switching frequencies make PC board layout a very
important part of design. Good design minimizes exces-
sive EMI on the feedback paths and voltage gradients in
the ground plane, both of which can result in instability or
regulation errors. Connect the inductor, input filter capacitor,
and output filter capacitor as close to the device as possible,
and keep their traces short, direct, and wide. Connect their
ground pins at a single common node in a star ground con-
figuration. The external voltage-feedback network should
be very close to the FB pin, within 0.2in (5mm). Keep
noisy traces, such as the LX trace, away from the voltage-
feedback network; also keep them separate, using grounded
copper. The MAX1920/MAX1921 evaluation kit data sheet
includes a proper PC board layout and routing scheme.
Table 3. Component Suppliers
Figure 4. MAX1920 Application Circuit Using Tantalum Output
Capacitor
SUPPLIER
PHONE
WEBSITE
Coilcraft
847-639-6400
www.coilcraft.com
Kemet
408-986-0424
www.kemet.com
Murata
814-237-1431
www.murata.com
Sumida
USA
847-956-0666
www.sumida.com
Japan
81-3-3607-5111
Taiyo
Yuden
USA
408-573-4150
www.T-Yuden.com
Japan
81-3-3833-5441
www.yuden.co.jp
Toko
USA
847-297-0070
www.tokoam.com
Japan
81-3-3727-1161
www.toko.co.jp
MAX1920
IN
AGND
SHDN
LX
PGND
FB
OFF
ON
R1
COUT
L
OUTPUT
UP TO 400mA
INPUT
2V TO 5.5V
CIN
R2
2
1
3
5
6
4
MAX1920/MAX1921
Low-Voltage, 400mA Step-Down
DC-DC Converters in SOT23
www.maximintegrated.com
Maxim Integrated │ 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com