Electronic Components Datasheet Search
  English  ▼

X  

SP9842 Datasheet(PDF) 17 Page - Sipex Corporation

Part # SP9842
Description  8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9842 Datasheet(HTML) 17 Page - Sipex Corporation

Back Button SP9842 Datasheet HTML 13Page - Sipex Corporation SP9842 Datasheet HTML 14Page - Sipex Corporation SP9842 Datasheet HTML 15Page - Sipex Corporation SP9842 Datasheet HTML 16Page - Sipex Corporation SP9842 Datasheet HTML 17Page - Sipex Corporation SP9842 Datasheet HTML 18Page - Sipex Corporation SP9842 Datasheet HTML 19Page - Sipex Corporation SP9842 Datasheet HTML 20Page - Sipex Corporation SP9842 Datasheet HTML 21Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
283
tiple DAC applications without additional external
decoding logic.
The SP9841/9842 consume only 65 mW from a
single +5V power supply. The SP9841 is available in
24-pin plastic DIP and SOIC packages. The SP9842
is available in a space–saving 20–pin SOIC package.
For applications requiring code–controlled output
polarityreversalregardlessofthereferenceinputlevel
(i.e. four–quadrant multiplication), please see the
SP9840/SP9843 product data sheet.
USING THE SP9841/9842
Theory of Operation
EachoftheeightchannelsoftheSP9841/SP9842can
be used for signal reconstruction, as a programmable
dc source, or as a programmable gain/attenuation
block, multiplying an ac reference input by factors of
0 to 1.992. The rugged, wideband output amplifiers
provide both current sink and source capability for dc
applications, eventhosedrivingdifficultloads.Thedc
source mode mimics the functionality of a program-
mable trimpot with the added benefit of a low imped-
ance buffered output. The amplifier's bandwidth and
high open–loop gain allow its use in programmable
gain applications where even a low distortion, high
resolutionsignal (such asaudio) must begatedonand
off or gain–controlled over a –42 to +6dB range.
Each channel consists of a voltage–output DAC,
implemented using CMOS switches and thin–film
resistors in a inverted R–2R ladder configuration.
Each DAC drives the positive terminal of an op amp
+
–
8
DAC 1
R
R
V
IN
V
DAC
V
OUT
V
OUT = 2 X VDAC when VREFL = 0V
= 2(D/256) X V
IN
= D/128 X V
IN
V
REFL
V
OUT = D/128 X (VIN – VREFL) +VREFL
Figure 1. DAC and Output Amplifier Circuit
configured for a non–inverting gain of 2 using equal
value thin–film feedback and gain–setting resistors.
Signal ground is the V
REFL pin, the common reference
input return for the 8 DAC–op amp channels. As
showninFigure1,theDACsectioncanbethoughtof
as a potentiometer across V
IN(X) to VREFL. When this
potentiometer reaches its maximum output value of
255/256timesV
IN, the output will be 1+(RFB/RGAIN) or
2 times the value of V
DAC (actually up to 1.9921875
times the input voltage, with V
REFL tied to ground).
When the potentiometer is at its minimum value of 0/
256,theoutputwilltrytobe0V,againassumingV
REFL
is tied to ground.
The true relation between the dc levels at the V
IN pin,
V
REFL and the output can be described as:
V
OUT = ((1 + RFB/RG) * (Data/256) * (VIN – VREFL)) + VREFL
where Data is programmable from 0 to 255, and R
FB = RG.
2.5
1.5
0
0
0.5
1.5
VREFL= 0V
VIN(X) (Volts)
D = FFH
D = 80H
D = 00H
1.0
0.5
1.0
2.0
3.0
2.5
1.5
0
0.75
2.25
VREFL= 1.5V
VIN(X) (Volts)
D
=
FF
H
D =
80 H
D = 00H
1.5
0.5
1.0
2.0
3.0
Figure 2. a) Single–Quadrant, and b) Two–Quadrant Operation
a)
b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com