Electronic Components Datasheet Search
  English  ▼

X  

SP9842 Datasheet(PDF) 23 Page - Sipex Corporation

Part # SP9842
Description  8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9842 Datasheet(HTML) 23 Page - Sipex Corporation

Back Button SP9842 Datasheet HTML 19Page - Sipex Corporation SP9842 Datasheet HTML 20Page - Sipex Corporation SP9842 Datasheet HTML 21Page - Sipex Corporation SP9842 Datasheet HTML 22Page - Sipex Corporation SP9842 Datasheet HTML 23Page - Sipex Corporation SP9842 Datasheet HTML 24Page - Sipex Corporation SP9842 Datasheet HTML 25Page - Sipex Corporation SP9842 Datasheet HTML 26Page - Sipex Corporation SP9842 Datasheet HTML 27Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
289
Figure 7. Generating Programmable DC Voltages.
+
–
DC
OUT
1/8 of SP9841
3
ICL8069
+
–
OP–90
1.22V
R1
10K
Ω
R2
4.75K
Ω
+1.8V
DC
OUT
= 20mV to +3.6V for DATA = 00H to FFH.
At PRESET, DC
OUT = +1.8V
+
–
R3
1.2K
Ω
45µF*
(*Optional Noise Reduction)
VI
Figure8showsanon–programmedstandaloneappli-
cation.BytyingPRESETLtoground,allchannelsare
permanently set to unity gain. While preset, the input
impedance at each input is set to 40kOhms nominal
(20kOhms minimum), which minimizes required
input current drive. The TL431 reference is pro-
grammedbyresistorsR
1 and R2 for 3.3V. R3 is chosen
to provide at least 165
µA for each input driven, plus
0.5mAforthereferenceattheminimumsupplyvalue
to be considered. In the Figure, the 560 Ohms shown
will drive all eight inputs. The excellent capacitive
load capability of the output amplifiers handles any
value of capacitive bypass loads without oscillation;
however, to minimize ringing at powerup, load ca-
pacitance can be chosen to be greater than 0.1
µF or
less than 1,000pF.
of 3.75V while running from a 4.75V supply, this
behavior is not tested in device production. If
maximum linearity is required near the 3.66V
fullscale voltage, then output loading should be
kept under 1mA.
Figure 7 uses a 1.8V reference to provide an output
voltage range from near ground to almost 3.6V.
The external micropower reference uses a bandgap
in a bootstrapped configuration, which guarantees
excellent supply rejection. Voltage at V
1 is set by
1.223
R2
(R1
R2)
∗
+
V
OUT is 1.223V +V1. R3 is used to set the quies-
cent current through the bandgap, I=V
1/R3. The
op amp will easily drive one to all eight inputs.
Figure 8. Generating Up to Eight (8) 3.3V @ 10mA DC Supplies with Logic–Level Controlled Shutdown (Non–Programmed).
+
–
DC
OUT
1/8 of SP9841
PRESET
Eight independent 3.3V @ 10mA supplies with
logic–level controlled shutdown.
32K
Ω
+5V
+
–
2.5V
100K
Ω
TL431
560
Ω
AC04
DIG
IN
DIG
IN
DC
OUT
0
1
3.3V
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com