Electronic Components Datasheet Search
  English  ▼

X  

SP9842 Datasheet(PDF) 27 Page - Sipex Corporation

Part # SP9842
Description  8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9842 Datasheet(HTML) 27 Page - Sipex Corporation

Back Button SP9842 Datasheet HTML 23Page - Sipex Corporation SP9842 Datasheet HTML 24Page - Sipex Corporation SP9842 Datasheet HTML 25Page - Sipex Corporation SP9842 Datasheet HTML 26Page - Sipex Corporation SP9842 Datasheet HTML 27Page - Sipex Corporation SP9842 Datasheet HTML 28Page - Sipex Corporation SP9842 Datasheet HTML 29Page - Sipex Corporation SP9842 Datasheet HTML 30Page - Sipex Corporation SP9842 Datasheet HTML 31Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
293
grammed gain. Please refer to the THD versus
Frequency plot, which was generated by termi-
nating a 600 Ohm source with 150 Ohms to
ground, then into this circuit. For the best gain
linearity versus code, use the largest (lowest
series impedance) coupling capacitor available,
or externally buffer the input.
Figure 13 shows an external op amp with an
inverting programmable gain. In this circuit the
maximum output swing at the DAC occurs at the
maximum circuit gain. Thus, the headroom re-
striction at the DAC output applies at the maxi-
mum gain, which, for rail–to–rail outputs (V
REFL
= 2.5V or V
DD/2) should be greater than 4.3. By
making the programmable gain range large, this
circuit can be used to provide rail–to–rail out-
puts even at the lower gains. This circuit has
been ratioed to provide exact integer gain incre-
ments for every increase in 25 codes, over the
range of –1 to –11. This large range of gain
comes at a slight cost — the output offset of the
DAC amplifier will be gained up by –5.12 times
at SIG OUT. If this is a problem, a second DAC
channel can be set up with a programmable DC
offset adjustment with its output summed through
a large resistor into the OP–491 inverting termi-
nal. Note that when RTRIMRANGE is set up for
only unity gain change range as in Figure 12,
only –0.5 times the DAC output offset will
appear at SIG OUT.
Another application for the circuits of both
Figure 10 and 13 could be to force precise gains
from circuits made from imprecise resistors. By
restricting the programmable gain range to
±2%
(by setting R
TRIMRANGE to be 100 times RF), the
resistors could be 1% values and the program-
mable gain resolution would increase to better
than 12–bits (0.0156%). In this case, only 1% of
the DAC output offset voltage would appear at
SIG OUT.
Figure 14 shows a window comparator and two
channels of programmable-gain input. While
the input signal is shown as AC–coupled, DC
signals of up to rail–to–rail amplitude could be
measured by setting the attenuation at the signal
Figure 13. Adjustable Gain of External Inverting Opamp Circuit, V
OUT = Rail–to–Rail.
+
–
SIG OUT
1/8 of SP9841
3
1/4 of OP–491
+5V
Set R
TRIMRANGE for desired gain-trim range.
For R
TRIMRANGE = 1.5kOhms:
Code 0, A
V = -1
Code 25, A
V = -2
Code 75, A
V = -4
Code 175, A
V = -8
Code 225, A
V = -10
Code 250, A
V = -11
Gain resolution = 4%
+
–
RF
7.68kOhms
RTRIMRANGE
1.5kOhms
V
REFL
= Up to VDD/2
1.25V
P-P
2.2µF
RGAIN
7.68kOhms
V
REFL
+5V
V
DD
, D = 0 to 255
A
R
R
V
F
G
F
TRIMRANGE
DR
R
=−
−




128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com