Electronic Components Datasheet Search
  English  ▼

X  

SP9842 Datasheet(PDF) 25 Page - Sipex Corporation

Part # SP9842
Description  8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9842 Datasheet(HTML) 25 Page - Sipex Corporation

Back Button SP9842 Datasheet HTML 21Page - Sipex Corporation SP9842 Datasheet HTML 22Page - Sipex Corporation SP9842 Datasheet HTML 23Page - Sipex Corporation SP9842 Datasheet HTML 24Page - Sipex Corporation SP9842 Datasheet HTML 25Page - Sipex Corporation SP9842 Datasheet HTML 26Page - Sipex Corporation SP9842 Datasheet HTML 27Page - Sipex Corporation SP9842 Datasheet HTML 28Page - Sipex Corporation SP9842 Datasheet HTML 29Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
291
rail–to–rail output swing. In order to obtain this
performance, V
REFL must be externally driven to
V
DD/2, perhaps by use of the circuit of Figure 11.
At V
REFL near 2.5V and VDD = 4.75V, the typical
positive output headroom at the DAC is limited
to 1.15V above 2.5V, so that this circuit is useful
for rail–to–rail outputs for gains higher than
4.35 (i.e. 1.15V
PP maximum input). Note that
while an AC–coupled input is shown, this cir-
cuit is just as useful for DC–coupled inputs
which are generated with respect to the V
REFL
pseudoground voltage. R
IBIAS is used for the
AC–coupled circuit for opamp bias current re-
turn when the DAC is programmed to code 0, as
no current flows into V
IN(X) at code 0.
Figure 11 shows a minimal parts count method
Figure 11. Programmable, Bootstrapped, 1.4V to 2.2V V
REFL Drive.
The usable range for the bootstrapped V
REFL circuit is 1.4 to 2.4VOUT at VDD = 5V, RISRC = 2kOhms.
To increase the upper usable limit, decrease value of R
ISRC.
+
–
V
OUTA
1/8 of SP9841
3
ICL8069
At PRESET, V
OUT = 1.3V
(not well–regulated)
RISRC
2kOhm
Load code
45µF*
301Ohm
1.22V
+
–
V
REFL
V
INA
+
–
1/8 of SP9841
3
V
INB
*(Optional Noise Reduction)
+5V
112 for 1.4V
OUT = VREFL
96 for 1.6V
OUT = VREFL
70 for 2.2V
OUT = VREFL
V
OUTB
+
–
1/8 of SP9841
3
V
INH
V
OUTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com