Electronic Components Datasheet Search
  English  ▼

X  

SP9842 Datasheet(PDF) 26 Page - Sipex Corporation

Part # SP9842
Description  8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9842 Datasheet(HTML) 26 Page - Sipex Corporation

Back Button SP9842 Datasheet HTML 22Page - Sipex Corporation SP9842 Datasheet HTML 23Page - Sipex Corporation SP9842 Datasheet HTML 24Page - Sipex Corporation SP9842 Datasheet HTML 25Page - Sipex Corporation SP9842 Datasheet HTML 26Page - Sipex Corporation SP9842 Datasheet HTML 27Page - Sipex Corporation SP9842 Datasheet HTML 28Page - Sipex Corporation SP9842 Datasheet HTML 29Page - Sipex Corporation SP9842 Datasheet HTML 30Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
292
of generating a programmable pseudoground
voltage at the V
REFL terminal. A pseudoground is
very useful if any channels are to be used in AC–
multiplying applications. In such applications,
the pseudoground will set the DC offset of the
output signal. The voltage output of this circuit
as the code is decreased is non–linear because
the DAC bootstraps the increased output volt-
age by a larger fraction at each code. It is really
meant to be programmed only over a range of
codes between 104 and perhaps 60. It does
exhibit a fairly well–defined output, even if
non–intentional codes are programmed. For
codes above 112, the output stage resembles a
50 Ohm resistor to ground, and the V
REFL output
will be near 1.3V, depending upon the loading at
the other V
IN(X) inputs. For codes below 60, the
output voltage will continue to rise until limited
by available current through R
ISRC. Note that
R
ISRC supplies the actual current into VREFL, and
must be chosen in order to supply enough cur-
rent for all channels, especially if any of the
other eight inputs are to be grounded. A plot of
V
REFL versus code is shown with the Figure, for
all other inputs either grounded or tied to the
supply.
Figure 12 shows a programmable gain/attenua-
tor section using the programmable VREFL
drive. The VREFL of each DAC is actually
internally connected. When the optional 45
µF
noise reduction capacitor is included, this cir-
cuit is capable of 86dB of SNR and 74 to 84dB
of SINAD at 1kHz, depending on the pro-
Figure 12. AC–Coupled, Programmable Gain/Attenuator with Bootstrapped Programmable Output DC Offset (V
REFL Drive).
+
–
V
OUTA
1/8 of SP9841
3
ICL8069
RISRC
2kOhm
Load DACA with code 90; sets V
REFL =1.7V.
Then, load DACB with desired gain:
45µF*
301
Ω
1.22V
+
–
V
REFL
V
INA
*(Optional Noise Reduction)
+5V
code 255 = +6dB
code 128 = 0dB
code 64 = –6dB
code
1 = –42dB
code
0 = –70dB
+
–
V
OUTB
1/8 of SP9841
V
REFL
V
INB
2.2µF
±0.75V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com